Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 96 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 96 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 92Page - Texas Instruments DAC39RFS10 Datasheet HTML 93Page - Texas Instruments DAC39RFS10 Datasheet HTML 94Page - Texas Instruments DAC39RFS10 Datasheet HTML 95Page - Texas Instruments DAC39RFS10 Datasheet HTML 96Page - Texas Instruments DAC39RFS10 Datasheet HTML 97Page - Texas Instruments DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 175 page
background image
Figure 7-87. CRC_TH Register (continued)
Table 7-59. CRC_TH Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-2
CRC_ERR_REC
R/W
0b
Specify how many contiguous, error-free multiblocks must be
received to reset the CRC error counter (and un-trigger the CRC
alarm if triggered).
0 : 1 multiblock
1 : 4 multiblocks
2 : 16 multiblocks
3 : 64 multiblocks
1-0
CRC_ERR_TH
R/W
0b
Specify how many multi-blocks must have CRC errors to trigger
the CRC alarm. The receiver counts each error, but if a run of error-
free multi-blocks occurs (as specified by CRC_ERR_REC), the error
counter resets.
0 : 1 multiblock
1 : 2 multiblocks
2 : 4 multiblocks
3 : 8 multiblocks
Note: For each lane, the internal signal, CRC_FAULT, is set if the number of multi-blocks with CRC errors exceeds the threshold set by
CRC_ERR_TH without a run of contiguous, error-free multi-blocks specified by CRC_ERR_REC. CRC_FAULT is cleared when a run of
contiguous, error-free multi-blocks specified by CRC_ERR_REC is detected.
Note: This register should only be changed when JESD_EN=0.
7.5.3.27 LANE_ARSTAT Register (Offset = 012Ch) [reset = NA]
LANE_ARSTAT is shown in Figure 7-88 and described in Table 7-60.
Return to the Register Summary Table.
Lane Arrival Status
Figure 7-88. LANE_ARSTAT Register
7
6
5
4
3
2
1
0
RESERVED
LANE_ARR_R
DY
R/W-00h
R
Table 7-60. LANE_ARSTAT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
LANE_ARR_RDY
R
NA
This bit is set when lane arrival times are captured and available for
read in LANE_ARR. Lane arrival data is captured when all lanes are
ready and the chip attempts to release the elastic buffer. This bit is
cleared when JESD_EN=0 or JESD_RST=1.
7.5.3.28 LANE_INV Register (Offset = 012Eh) [reset = 0000h]
LANE_INV is shown in Figure 7-89 and described in Table 7-61.
Return to the Register Summary Table.
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
96
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com