Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 41 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 41 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 37Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 38Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 39Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 40Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 41Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 42Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 43Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 44Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 45Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
M25PX64
Instructions
41/66
6.11
Page program (PP)
The page program (PP) instruction allows bytes to be programmed in the memory (changing
bits from ‘1’ to ‘0’). Before it can be accepted, a write enable (WREN) instruction must
previously have been executed. After the write enable (WREN) instruction has been
decoded, the device sets the write enable latch (WEL).
The page program (PP) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, three address bytes and at least one data byte on serial data input (DQ0).
If the 8 least significant address bits (A7-A0) are not all zero, all transmitted data that goes
beyond the end of the current page are programmed from the start address of the same
page (from the address whose 8 least significant bits (A7-A0) are all zero). Chip Select (S)
must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 18.
If more than 256 bytes are sent to the device, previously latched data are discarded and the
last 256 data bytes are guaranteed to be programmed correctly within the same page. If less
than 256 data bytes are sent to device, they are correctly programmed at the requested
addresses without having any effects on the other bytes of the same page.
For optimized timings, it is recommended to use the page program (PP) instruction to
program all consecutive targeted bytes in a single sequence versus using several page
program (PP) sequences with each containing only a few bytes (see Table 17: AC
characteristics).
Chip Select (S) must be driven High after the eighth bit of the last data byte has been
latched in, otherwise the page program (PP) instruction is not executed.
As soon as Chip Select (S) is driven High, the self-timed page program cycle (whose
duration is tPP) is initiated. While the page program cycle is in progress, the status register
may be read to check the value of the write in progress (WIP) bit. The write in progress
(WIP) bit is 1 during the self-timed page program cycle, and is 0 when it is completed. At
some unspecified time before the cycle is completed, the write enable latch (WEL) bit is
reset.
A page program (PP) instruction applied to a page which is protected by the block protect
(BP2, BP1, BP0) bits (see Table 3 and Table 4) is not executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com