Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 17 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 17 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 13Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 14Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 15Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 16Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 17Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 18Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 19Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 20Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
M25PX64
Operating features
17/66
As a second level of protection, the Write Protect signal (applied on the W/VPP pin) can
freeze the status register in a read-only mode. In this mode, the block protect bits (BP2,
BP1, BP0) and the status register write disable bit (SRWD) are protected. For more details,
see Section 6.5: Write status register (WRSR).
Table 3.
Protected area sizes
Status register
contents
Memory content
TB
bit
BP
bit 2
BP
bit 1
BP
bit 0
Protected area
Unprotected area
0
0
0
0
none
All sectors(1) (128 sectors: 0 to 127)
0
0
0
1
Upper 64th (2 sectors: 126 and 127)
Lower 63/64ths (126 sectors: 0 to 125)
0
0
1
0
Upper 32nd (4 sectors: 124 to 127)
Lower 31/32nds (124 sectors: 0 to 123)
0
0
1
1
Upper 16th (8 sectors: 120 to 127)
Lower 15/16ths (120 sectors: 0 to 119)
0
1
0
0
Upper 8th (16 sectors: 56 to 63)
Lower 7/8ths (112 sectors: 0 to 111)
0
1
0
1
Upper quarter (32 sectors: 96 to 127)
Lower three-quarters (96 sectors: 0 to 95)
0
1
1
0
Upper half (64 sectors: 64 to 127)
Lower half (64 sectors: 0 to 63)
0
1
1
1
All sectors (128 sectors: 0 to 127)
none
1
0
0
0
none
All sectors(1) (128 sectors: 0 to 128)
1
0
0
1
Lower 64th (2 sectors: 0 to1)
Upper 63/64ths (126 sectors: 2 to 127)
1
0
1
0
Lower 32nd (4 sectors: 0 to 3)
Upper 31/32nds (124 sectors: 4 to 127)
1
0
1
1
Lower 16th (8 sectors: 0 to 7)
Upper 15/16ths (120 sectors: 8 to 127)
1
1
0
0
Lower 8th (16 sectors: 0 to15)
Upper 7/8ths (112 sectors: 16 to 127)
1
1
0
1
Lower 4th (32 sectors: 0 to 31)
Upper 3/4ths (96 sectors: 32 to 127)
1
1
1
0
Lower half (64 sectors: 0 to 63)
Upper half (64 sectors: 64 to 127)
1
1
1
1
All sectors (128 sectors: 0 to 127)
none
1.
The device is ready to accept a bulk erase instruction if, and only if, all block protect (BP2, BP1, BP0) are 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com