Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 25 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 25 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 21Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 22Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 23Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 24Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 25Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 26Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 27Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 28Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
M25PX64
Memory organization
25/66
17
287
11F000h
11FFFFh
7
127
7F000h
7FFFFh
272
110000h
110FFFh
112
70000h
70FFFh
16
271
10F000h
10FFFFh
6
111
6F000h
6FFFFh
256
100000h
100FFFh
96
60000h
60FFFh
15
255
FF000h
FFFFFh
5
95
5F000h
5FFFFh
240
F0000h
F0FFFh
80
50000h
50FFFh
14
239
EF000h
EFFFFh
4
79
4F000h
4FFFFh
224
E0000h
E0FFFh
64
40000h
40FFFh
13
223
DF000h
DFFFFh
3
63
3F000h
3FFFFh
208
D0000h
D0FFFh
48
30000h
30FFFh
12
207
CF000h
CFFFFh
2
47
2F000h
2FFFFh
192
C0000h
C0FFFh
32
20000h
20FFFh
11
191
BF000h
BFFFFh
1
31
1F000h
1FFFFh
176
B0000h
B0FFFh
16
10000h
10FFFh
10
175
AF000h
AFFFFh
0
15
0F000h
0FFFFh
160
A0000h
A0FFFh
4
04000h
04FFFh
9
159
9F000h
9FFFFh
3
03000h
03FFFh
2
02000h
02FFFh
144
90000h
90FFFh
1
01000h
01FFFh
8
143
8F000h
8FFFFh
0
00000h
00FFFh
128
80000h
80FFFh
Table 4.
Memory organization (continued)
Sector
Subsector
Address range
Sector
Subsector
Address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com