Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 49 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 45Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 46Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 47Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 48Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 49Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 50Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 51Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 52Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
M25PX64
Instructions
49/66
6.16
Sector erase (SE)
The sector erase (SE) instruction sets to ‘1’ (FFh) all bits inside the chosen sector. Before it
can be accepted, a write enable (WREN) instruction must previously have been executed.
After the write enable (WREN) instruction has been decoded, the device sets the write
enable latch (WEL).
The sector erase (SE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, and three address bytes on serial data input (DQ0). Any address inside the
sector (see Table 4) is a valid address for the sector erase (SE) instruction. Chip Select (S)
must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 24.
Chip Select (S) must be driven High after the eighth bit of the last address byte has been
latched in, otherwise the sector erase (SE) instruction is not executed. As soon as Chip
Select (S) is driven High, the self-timed sector erase cycle (whose duration is tSE) is
initiated. While the sector erase cycle is in progress, the status register may be read to
check the value of the write in progress (WIP) bit. The write in progress (WIP) bit is 1 during
the self-timed sector erase cycle, and is 0 when it is completed. At some unspecified time
before the cycle is completed, the write enable latch (WEL) bit is reset.
A sector erase (SE) instruction applied to a page which is protected by the block protect
(BP2, BP1, BP0) bits (see Table 3 and Table 4) is not executed.
Figure 24.
Sector erase (SE) instruction sequence
1.
Address bit A23 is don’t care.
24-bit address (1)
C
DQ1
AI13742b
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com