Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 20 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 20 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 16Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 17Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 18Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 19Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 20Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 21Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 22Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 23Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Memory organization
M25PX64
20/66
Table 4.
Memory organization
Sector
Subsector
Address range
Sector
Subsector
Address range
127
2047
7FF000h
7FFFFFh
116
1871
74F000h
74FFFFh
2032
7F0000h
7F0FFFh
1856
740000h
740FFFh
126
2031
7EF000h
7EFFFFh
115
1855
73F000h
73FFFFh
2016
7E0000h
7E0FFFh
1840
730000h
730FFFh
125
2015
7DF000h
7DFFFFh
114
1839
72F000h
72FFFFh
2000
7D0000h
7D0FFFh
1824
720000h
720FFFh
124
1999
7CF000h
7CFFFFh
113
1823
71F000h
71FFFFh
1984
7C0000h
7C0FFFh
1808
710000h
710FFFh
123
1983
7BF000h
7BFFFFh
112
1807
70F000h
70FFFFh
1968
7B0000h
7B0FFFh
1792
700000h
700FFFh
122
1967
7AF000h
7AFFFFh
111
1791
6FF000h
6FFFFFh
1952
7A0000h
7A0FFFh
1776
6F0000h
6F0FFFh
121
1951
79F000h
79FFFFh
110
1775
6EF000h
6EFFFFh
1936
790000h
790FFFh
1760
6E0000h
6E0FFFh
120
1935
78F000h
78FFFFh
109
1759
6DF000h
6DFFFFh
1920
780000h
780FFFh
1744
6D0000h
6D0FFFh
119
1919
77F000h
77FFFFh
108
1743
6CF000h
6CFFFFh
1904
770000h
770FFFh
1728
6C0000h
6C0FFFh
118
1903
76F000h
76FFFFh
107
1727
6BF000h
6BFFFFh
1888
760000h
760FFFh
1712
6B0000h
6B0FFFh
117
1887
75F000h
75FFFFh
106
1711
6AF000h
6AFFFFh
1872
750000h
750FFFh
1696
6A0000h
6A0FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com