Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 26 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 26 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 22Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 23Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 24Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 25Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 26Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 27Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 28Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 29Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 30Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
Instructions
M25PX64
26/66
6
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit
first.
Serial data input(s) DQ0 (DQ1) is (are) sampled on the first rising edge of Serial Clock (C)
after Chip Select (S) is driven Low. Then, the one-byte instruction code must be shifted in to
the device, most significant bit first, on serial data input(s) DQ0 (DQ1), each bit being
latched on the rising edges of Serial Clock (C).
The instruction set is listed in Table 5.
Every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none.
In the case of a read data bytes (READ), read data bytes at higher speed (FAST_READ),
dual output fast read (DOFR), read OTP (ROTP), read lock registers (RDLR), read status
register (RDSR), read identification (RDID) or release from deep power-down (RDP)
instruction, the shifted-in instruction sequence is followed by a data-out sequence. Chip
Select (S) can be driven High after any bit of the data-out sequence is being shifted out.
In the case of a page program (PP), program OTP (POTP), dual input fast program (DIFP),
subsector erase (SSE), sector erase (SE), bulk erase (BE), write status register (WRSR),
write to lock register (WRLR), write enable (WREN), write disable (WRDI) or deep power-
down (DP) instruction, Chip Select (S) must be driven High exactly at a byte boundary,
otherwise the instruction is rejected, and is not executed. That is, Chip Select (S) must
driven High when the number of clock pulses after Chip Select (S) being driven Low is an
exact multiple of eight.
All attempts to access the memory array during a write status register cycle, program cycle
or erase cycle are ignored, and the internal write status register cycle, program cycle or
erase cycle continues unaffected.
Note:
Output Hi-Z is defined as the point where data out is no longer driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com