Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 31 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 27Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 28Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 29Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 30Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 31Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 32Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 33Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 34Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
M25PX64
Instructions
31/66
Figure 10.
Read identification (RDID) instruction sequence and data-out sequence
C
DQ0
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI06809d
DQ1
Manufacturer identification
High Impedance
MSB
Device identification
MSB
15 14 13
3
2
1
0
16 17 18
28 29 30 31
MSB
UID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com