Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 54 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 54 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 50Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 51Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 52Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 53Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 54Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 55Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 56Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 57Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Initial delivery state
M25PX64
54/66
Figure 28.
Power-up timing
8
Initial delivery state
The device is delivered with the memory array erased: all bits are set to ‘1’ (each byte
contains FFh). The status register contains 00h (all status register bits are 0).
Table 11.
Power-up timing and VWI threshold
Symbol
Parameter
Min
Max
Unit
tVSL
(1)
1.
These parameters are characterized only.
VCC(min) to S Low
30
µs
tPUW
(1)
Time delay to write instruction
1
10
ms
VWI
(1)
Write inhibit voltage
1.5
2.5
V
VCC
AI04009C
VCC(min)
VWI
Reset state
of the
device
Chip selection not allowed
Program, erase and write commands are rejected by the device
tVSL
tPUW
time
Read access allowed
Device fully
accessible
VCC(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com