Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64-STVMF6F Datasheet(PDF) 52 Page - Numonyx B.V

Part # M25PX64-STVMF6F
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-STVMF6F Datasheet(HTML) 52 Page - Numonyx B.V

Back Button M25PX64-STVMF6F Datasheet HTML 48Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 49Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 50Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 51Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 52Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 53Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 54Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 55Page - Numonyx B.V M25PX64-STVMF6F Datasheet HTML 56Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Instructions
M25PX64
52/66
6.19
Release from deep power-down (RDP)
Once the device has entered the deep power-down mode, all instructions are ignored
except the release from deep power-down (RDP) instruction. Executing this instruction
takes the device out of the deep power-down mode.
The release from deep power-down (RDP) instruction is entered by driving Chip Select (S)
Low, followed by the instruction code on serial data input (DQ0). Chip Select (S) must be
driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 27.
The release from deep power-down (RDP) instruction is terminated by driving Chip Select
(S) High. Sending additional clock cycles on Serial Clock (C), while Chip Select (S) is driven
Low, cause the instruction to be rejected, and not executed.
After Chip Select (S) has been driven High, followed by a delay, tRDP, the device is put in the
standby mode. Chip Select (S) must remain High at least until this period is over. The device
waits to be selected, so that it can receive, decode and execute instructions.
Any release from deep power-down (RDP) instruction, while an erase, program or write
cycle is in progress, is rejected without having any effects on the cycle that is in progress.
Figure 27.
Release from deep power-down (RDP) instruction sequence
C
DQ0
AI13745
S
2
1
34567
0
tRDP
Standby mode
Deep power-down mode
DQ1
High Impedance
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com