Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 63 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 63 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 59Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 60Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 61Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 62Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 63Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 64Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 65Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 66Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
63/89
PSD4235G2
Figure 34. Reset (RESET) Timing
Programming In-Circuit using the JTAG Serial
Interface
The JTAG Serial Interface on the PSD can be en-
abled on Port E (see Table 52). All memory blocks
(primary Flash memory and secondary Flash
memory), PLD logic, and PSD Configuration bits
may be programmed through the JTAG-ISC Serial
Interface. A blank device can be mounted on a
printed circuit board and programmed using JTAG
In-System Programming (ISP).
The standard JTAG signals (IEEE 1149.1) are
TMS, TCK, TDI, and TDO. Two additional signals,
TSTAT and TERR, are optional JTAG extensions
used to speed up Program and Erase cycles.
By default, on a blank PSD (as shipped from the
factory, or after erasure), four pins on Port E are
enabled for the basic JTAG signals TMS, TCK,
TDI, and TDO.
See Application Note
AN1153 for more details on
JTAG In-System Programming (ISP).
Standard JTAG Signals. The
standard
JTAG
signals (TMS, TCK, TDI, and TDO) can be en-
abled by any of three different conditions that are
logically ORed. When enabled, TDI, TDO, TCK,
and TMS are inputs, waiting for a serial command
from an external JTAG controller device (such as
FlashLINK or Automated Test Equipment). When
the enabling command is received from the exter-
nal JTAG controller device, TDO becomes an out-
put and the JTAG channel is fully functional inside
the PSD. The same command that enables the
JTAG channel may optionally enable the two addi-
tional JTAG pins, TSTAT and TERR.
The following symbolic logic equation specifies the
conditions enabling the four basic JTAG pins
(TMS, TCK, TDI, and TDO) on their respective
Port E pins. For purposes of discussion, the logic
label JTAG_ON is used. When JTAG_ON is true,
the four pins are enabled for JTAG. When
JTAG_ON is false, the four pins can be used for
general PSD I/O.
JTAG_ON = PSDsoft Express_enabled +
/* An NVM configuration bit inside the
PSD
is
set
by
the
designer
in
the
PSDsoft Express Configuration utility.
This dedicates the pins for JTAG at all
times (compliant with IEEE 1149.1 */
Microcontroller_enabled +
/* The microcontroller can set a bit at
run-time
by
writing
to
the
PSD
register,
JTAG
Enable.
This
register
is
located
at
address
CSIOP
+
offset
C7h.
Setting
the
JTAG_ENABLE
bit
in
this register will enable the pins for
JTAG use. This bit is cleared by a PSD
reset
or
the
microcontroller.
See
Table 21 for bit definition. */
PSD_product_term_enabled;
/* A dedicated product term (PT) inside
the PSD can be used to enable the JTAG
pins.
This
PT
has
the
reserved
name
JTAGSEL.
Once
defined
as
a
node
in
PSDabel,
the
designer
can
write
an
equation
for
JTAGSEL.
This
method
is
used
when
the
Port
E
JTAG
pins
are
multiplexed with other I/O signals. It
is
recommended
to
tie
logically
the
node JTAGSEL to the JEN\ signal on the
Flashlink cable when multiplexing JTAG
signals. See Application Note 1153 for
details. */
The state of the PSD Reset (RESET) signal does
not interrupt (or prevent) JTAG operations if the
JTAG pins are dedicated by an NVM configuration
bit (via PSDsoft Express). However, Reset (RE-
SET) will prevent or interrupt JTAG operations if
the JTAG Enable Register (as shown in Table 21)
is used to enable the JTAG pins.
The PSD supports JTAG In-System-Programma-
bility (ISP) commands, but not Boundary Scan.
ST’s
PSDsoft
Express
software
tool
and
FlashLINK JTAG programming cable implement
the JTAG In-System-Programmability (ISP) com-
mands.
Table 52. JTAG Port Signals
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset
Port E Pin
JTAG Signals
Description
PE0
TMS
Mode Select
PE1
TCK
Clock
PE2
TDI
Serial Data In
PE3
TDO
Serial Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com