Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 45 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 41Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 42Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 43Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 44Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 45Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 46Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 47Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 48Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
45/89
PSD4235G2
Figure 23. Interfacing the PSD with an 80C51XA-G3
80C51XA. The Philips 80C51XA MCU has a 16-
bit multiplexed bus with burst cycles. Address bits
(A3-A1) are not multiplexed, while (A19-A4) are
multiplexed with data bits (D15-D0).
The PSD4235G2 supports the 80C51XA burst
mode. The WRH signal is connected to PD3, and
WHL is connected to CNTL0. The RD and PSEN
signals are connected to the CNTL1 and CNTL2
pins. Figure 23 shows the schematic diagram.
The 80C51XA improves bus throughput and per-
formance by issuing burst cycles to fetch codes
from memory. In burst cycles, address A19-A4 are
latched internally by the PSD, while the 80C51XA
drives the A3-A1 signals to fetch sequentially up to
16 bytes of code. The PSD access time is then
measured from address A3-A1 valid to data in val-
id. The PSD bus timing requirement in a burst cy-
cle is identical to the normal bus cycle, except the
address setup and hold time with respect to Ad-
dress Strobe (ALE/AS, PD0) is not required.
VCC_BAR
VCC_BAR
D[15:0]
WRL\
RD\
PSEN\
ALE
A4D0
A5D1
A6D2
A7D3
A8D4
A9D5
A10D6
A11D7
A12D8
A13D9
A14D10
A15D11
A16D12
A17D13
A18D14
A19D15
RESET\
RESET\
A3
A2
A1
WRH\
A[3:1]
A1
A2
A3
U3
CRYSTAL
PSD
ADIO0
3
ADIO1
4
ADIO2
5
ADIO3
6
ADIO4
7
ADIO5
10
ADIO6
11
ADIO7
12
ADIO9
14
ADIO10
15
ADIO11
16
ADIO12
17
ADIO13
18
ADIO14
19
ADIO15
20
PF0
31
PF1
32
PF2
33
PF3
34
PF4
35
PF5
36
PF6
37
PF7
38
PG1
22
PG2
23
PG3
24
PG4
25
PG5
26
PG6
27
PG7
28
PA5
56
PA6
57
PA7
58
CNTL0(WR)
59
CNTL1(RD)
60
CNTL2(PSEN)
40
PD0 (ALE)
79
RESET
39
ADIO8
13
PG0
21
PA3
54
PA4
55
PA2
53
PA0
51
PA1
52
PB0
61
PB1
62
PB2
63
PB3
64
PB4
65
PB5
66
PB6
67
PB7
68
PC0
41
PC1
42
PC2
43
PC3
44
PC4
45
PC5
46
PC6
47
PC7
48
PE0 (TMS)
71
PE1 (TCK/ST)
72
PE2 (TDI)
73
PE3 (TDO)
74
PE4 (TSTAT/RDY)
75
PE5 (TERR)
76
PE7 (VBATON)
78
PD2 (CSI)
1
PD1 (CLKIN)
80
PD3 (WRH)
2
PE6 (VSTBY)
77
XA-G3
A0/WRH
2
A1
3
A2
4
A3
5
A4D0
43
A5D1
42
A6D2
41
A7D3
40
A8D4
39
A9D5
38
A10D6
37
A11D7
36
A12D8
24
A13D9
25
A14D10
26
A15D11
27
A16D12
28
A17D13
29
A18D14
30
A19D15
31
PSEN
32
RD
19
WRL
18
ALE
33
RST
10
INT0
14
INT1
15
EA/WAIT
35
BUSW
17
XTAL1
21
XTAL2
20
RXD0
11
TXD0
13
RXD1
6
TXD1
7
T2EX
9
T2
8
T0
16
D[15:0]
A[3:1]
AI04952b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com