Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 54 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 54 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 50Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 51Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 52Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 53Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 54Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 55Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 56Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 57Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
PSD4235G2
54/89
Figure 28. Peripheral I/O Mode
Direction Register. The Direction Register con-
trols the direction of data flow in the I/O Ports. Any
bit set to 1 in the Direction Register causes the
corresponding pin to be an output, and any bit set
to 0 causes it to be an input. The default mode for
all port pins is input.
Table 43. Port Pin Direction Control, Output
Enable P.T. Not Defined
Table 44. Port Pin Direction Control, Output
Enable P.T. Defined
Table 45. Port Direction Assignment Example
Figure 29 and Figure 31 show the Port Architec-
ture diagrams for Ports A/B/C and E/F/G, respec-
tively. The direction of data flow for Ports A, B, C
and F are controlled not only by the direction reg-
ister, but also by the output enable product term
from the PLD AND Array. If the output enable
product term is not active, the Direction Register
has sole control of a given pin’s direction.
An example of a configuration for a Port with the
three least significant bits set to output and the re-
mainder set to input is shown in Table 45. Since
Port D only contains four pins, the Direction Reg-
ister for Port D has only the four least significant
bits active.
Drive Select Register. The Drive Select Register
configures the pin driver as Open Drain or CMOS
for some port pins, and controls the slew rate for
the other port pins. An external pull-up resistor
should be used for pins configured as Open Drain.
A pin can be configured as Open Drain if its corre-
sponding bit in the Drive Select Register is set to a
1. The default pin drive is CMOS.
(The slew rate is a measurement of the rise and
fall times of an output. A higher slew rate means a
faster output response and may create more elec-
trical noise. A pin operates in a high slew rate
when the corresponding bit in the Drive Register is
set to 1. The default rate is slow slew.)
Table 46 shows the Drive Register for Ports A, B,
C, D, E, F and G. It summarizes which pins can be
configured as Open Drain outputs and which pins
the slew rate can be set for.
RD
PSEL0
PSEL1
PSEL
VM REGISTER BIT 7
WR
PA0 - PA7
D0-D7
DATA BUS
AI02886
Direction Register Bit
Port Pin Mode
0
Input
1
Output
Direction
Register Bit
Output Enable
P.T.
Port Pin Mode
0
0
Input
0
1
Output
1
0
Output
1
1
Output
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com