Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 19 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 15Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 16Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 17Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 18Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 19Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 20Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 21Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 22Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
19/89
PSD4235G2
Table 26. Memory_ID0 Register
Note: Bit Definitions:
F_size[3:0]
0h = There is no Primary Flash memory
1h = Primary Flash memory size is 256 Kbit
2h = Primary Flash memory size is 512 Kbit
3h = Primary Flash memory size is 1 Mbit
4h = Primary Flash memory size is 2 Mbit
5h = Primary Flash memory size is 4 Mbit
6h = Primary Flash memory size is 8 Mbit
S_size[3:0]
0h = There is no SRAM
1h = SRAM size is 16 Kbit
2h = SRAM size is 32 Kbit
3h = SRAM size is 64 Kbit
4h = SRAM size is 128 Kbit
5h = SRAM size is 256 Kbit
Table 27. Memory_ID1 Register
Note: Bit Definitions:
B_size[3:0]
0h = There is no Secondary NVM
1h = Secondary NVM size is 128 Kbit
2h = Secondary NVM size is 256 Kbit
3h = Secondary NVM size is 512 Kbit
B_type[1:0]
0h = Secondary NVM is Flash memory
1h = Secondary NVM is EEPROM
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
S_size 3
S_size 2
S_size 1
S_size 0
F_size 3
F_size 2
F_size 1
F_size 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
not used
(set to 0)
not used
(set to 0)
B_type 1
B_type 0
B_size 3
B_size 2
B_size 1
B_size 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com