Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 86 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 81Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 82Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 83Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 84Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 85Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 86Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 87Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 88Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
PSD4235G2
86/89
Table 74. Pin Assignments – TQFP80
Pin No.
Pin
Assign
ments
Pin No.
Pin
Assign
ments
Pin No.
Pin
Assign
ments
Pin No.
Pin
Assign
ments
1
PD2
21
PG0
41
PC0
61
PB0
2
PD3
22
PG1
42
PC1
62
PB1
3
AD0
23
PG2
43
PC2
63
PB2
4
AD1
24
PG3
44
PC3
64
PB3
5
AD2
25
PG4
45
PC4
65
PB4
6
AD3
26
PG5
46
PC5
66
PB5
7
AD4
27
PG6
47
PC6
67
PB6
8
GND
28
PG7
48
PC7
68
PB7
9
VCC
29
VCC
49
GND
69
VCC
10
AD5
30
GND
50
GND
70
GND
11
AD6
31
PF0
51
PA0
71
PE0
12
AD7
32
PF1
52
PA1
72
PE1
13
AD8
33
PF2
53
PA2
73
PE2
14
AD9
34
PF3
54
PA3
74
PE3
15
AD10
35
PF4
55
PA4
75
PE4
16
AD11
36
PF5
56
PA5
76
PE5
17
AD12
37
PF6
57
PA6
77
PE6
18
AD13
38
PF7
58
PA7
78
PE7
19
AD14
39
RESET
59
CNTL0
79
PD0
20
AD15
40
CNTL2
60
CNTL1
80
PD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com