Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 81Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 82Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 83Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 84Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 85Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 86Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 87Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 88Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
85/89
PSD4235G2
PACKAGE MECHANICAL
TQFP80 - 80 lead Plastic Quad Flatpack
Note: Drawing is not to scale.
TQFP80 - 80 lead Plastic Quad Flatpack
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.200
0.0472
A1
0.050
0.150
0.0020
0.0059
A2
0.950
1.050
0.0374
0.0413
α
3.5°
0.0°
7.0°
3.5°
0.0°
7.0°
b
0.220
0.170
0.270
0.0087
0.0067
0.0106
c
0.090
0.200
0.0035
0.0079
D
14.000
0.5512
D1
12.000
0.4724
D2
9.500
—
—
0.3740
—
—
E
14.000
0.5512
E1
12.000
0.4724
E2
9.500
—
—
0.3740
—
—
e
0.500
—
—
0.0197
—
—
L
0.600
0.450
0.750
0.0236
0.0177
0.0295
L1
1.000
0.0394
CP
0.080
0.0031
N80
80
Nd
20
20
Ne
20
20
QFP-A
Nd
E1
CP
b
e
A2
A
N
L
A1
α
D1
D
1
E
Ne
c
D2
E2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com