Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 64 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 64 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 60Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 61Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 62Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 63Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 64Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 65Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 66Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 67Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
PSD4235G2
64/89
JTAG Extensions. TSTAT and TERR are two
JTAG extension signals enabled by a JTAG com-
mand received over the four standard JTAG pins
(TMS, TCK, TDI, and TDO). They are used to
speed Program and Erase cycles by indicating
status on PSD pins instead of having to scan the
status out serially using the standard JTAG chan-
nel. See Application Note
AN1153.
TERR indicates if an error has occurred when
erasing a sector or programming in Flash memory.
This signal goes Low (active) when an Error con-
dition occurs, and stays Low until a specific JTAG
command is executed or a Reset (RESET) pulse
is received after an “ISC_DISABLE” command.
TSTAT behaves the same as Ready/Busy (PE4)
described in the section entitled “Ready/Busy
(PE4)”, on page 21. TSTAT is High when the
PSD4235G2 device is in Read mode (primary
Flash memory and secondary Flash memory con-
tents can be read). TSTAT is Low when Flash
memory Program or Erase cycles are in progress,
and also when data is being written to the second-
ary Flash memory .
TSTAT and TERR can be configured as open-
drain type signals with a JTAG command.
Note: The state of Reset (Reset) does not interrupt
(or prevent) JTAG operations if the JTAG signals
are dedicated by an NVM Configuration bit (via
PSDsoft Express). However, Reset (Reset) pre-
vents or interrupts JTAG operations if the JTAG
Enable Register (as shown in Table 21) is used to
enable the JTAG signals.
Security and Flash memory Protection. When
the security bit is set, the device cannot be read on
a Device Programmer or through the JTAG Port.
When using the JTAG Port, only a Full Chip Erase
command is allowed.
All other Program, Erase and Verify commands
are blocked. Full Chip Erase returns the device to
a non-secured blank state. The Security Bit can be
set in PSDsoft Express.
All primary Flash memory and secondary Flash
memory sectors can individually be sector protect-
ed against erasure. The sector protect bits can be
set in PSDsoft Express.
INITIAL DELIVERY STATE
When delivered from ST, the PSD device has all
bits in the memory and PLDs set to 1. The PSD
Configuration Register bits are set to 0. The code,
configuration, and PLD logic are loaded using the
programming procedure. Information for program-
ming the device is available directly from ST.
Please contact your local sales representative.
PE4
TSTAT
Status
PE5
TERR
Error Flag
Port E Pin
JTAG Signals
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com