Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 73 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 69Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 70Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 71Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 72Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 73Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 74Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 75Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 76Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
73/89
PSD4235G2
Table 63. CPLD Macrocell Asynchronous Clock Mode Timing
Symbol
Parameter
Conditions
-70
-90
PT
Aloc
Turbo
Off
Slew
Rate
Unit
MinMax
MinMax
fMAXA
Maximum
Frequency
External
Feedback
1/(tSA+tCOA)
38.4
26.32
MHz
Maximum
Frequency
Internal
Feedback
(fCNTA)
1/(tSA+tCOA–10)
62.5
35.71
MHz
Maximum
Frequency
Pipelined Data
1/(tCHA+tCLA)
47.6
37.03
MHz
tSA
Input Setup
Time
6
8
+ 2
+ 12
ns
tHA
Input Hold Time
7
12
ns
tCHA
Clock Input
High Time
9
12
+ 12
ns
tCLA
Clock Input Low
Time
12
15
+ 12
ns
tCOA
Clock to Output
Delay
21
30
+ 12
– 2
ns
tARDA
CPLD Array
Delay
Any Macrocell
11
16
+ 2
ns
tMINA
Minimum Clock
Period
1/fCNTA
16
28
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com