Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 57 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 57 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 53Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 54Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 55Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 56Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 57Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 58Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 59Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 60Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
57/89
PSD4235G2
Figure 30. Port D Structure
Port D – Functionality and Structure
Port D has four I/O pins. See Figure 30. Port D can
be configured to perform one or more of the follow-
ing functions:
s
MCU I/O mode
s
CPLD Input – direct input to the CPLD, no Input
Macrocells (IMC)
Port D pins can be configured in PSDsoft Ex-
press as input pins for other dedicated func-
tions:
s
Address Strobe (ALE/AS, PD0)
s
CLKIN (PD1) as input to the Macrocells Flip-
flops and APD counter
s
PSD Chip Select Input (CSI, PD2). Driving this
signal High disables the Flash memory, SRAM
and CSIOP.
s
Write Enable High-byte (WRH, PD3) input, or as
DBE input from a MC68HC912.
Port E – Functionality and Structure
Port E can be configured to perform one or more
of the following functions (see Figure 31):
s
MCU I/O Mode
s
In-System Programming (ISP) – JTAG port can
be enabled for programming/erase of the PSD
device. (See the section entitled “Reset
(RESET) Timing”, on page 63, for more
information on JTAG programming.)
s
Open Drain – pins can be configured in Open
Drain Mode
s
Battery Backup features
– PE6 can be configured for a battery input sup-
ply, Voltage Stand-by (VSTBY).
– PE7 can be configured as a Battery-on Indi-
cator (VBATON), indicating when VCC is less
than VBAT.
s
Latched Address output – Provide latched
address output.
DATA OUT
Register
DQ
DQ
WR
WR
READ MUX
P
D
B
CPLD - INPUT
DIR Register
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
AI04937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com