Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 65 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 65 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 61Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 62Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 63Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 64Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 65Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 66Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 67Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 68Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
65/89
PSD4235G2
AC/DC PARAMETERS
These tables describe the AD and DC parameters
of the PSD4235G2:
t DC Electrical Specification
t AC Timing Specification
s
PLD Timing
– Combinatorial Timing
– Synchronous Clock Mode
– Asynchronous Clock Mode
– Input Macrocell Timing
s
MCU Timing
– Read Timing
–Write Timing
– Peripheral Mode Timing
– Power-down and Reset Timing
The following are issues concerning the parame-
ters presented:
s
In the DC specification the supply current is
given for different modes of operation. Before
calculating the total power consumption,
determine the percentage of time that the PSD
is in each mode. Also, the supply power is
considerably different if the Turbo bit is 0.
s
The AC power component gives the PLD, Flash
memory, and SRAM mA/MHz specification.
Figure 35 show the PLD mA/MHz as a function
of the number of Product Terms (PT) used.
s
In the PLD timing parameters, add the required
delay when Turbo bit is 0.
Figure 35. PLD ICC /Frequency Consumption
AI05739
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
PT 100%
PT 25%
Vcc = 5V
TURBO ON (100%)
TURBO ON (25%)
TURBO OFF
TURBO OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com