Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 52 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 52 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 48Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 49Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 50Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 51Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 52Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 53Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 54Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 55Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
PSD4235G2
52/89
Table 39. Port Operating Modes
Note: 1. Can be multiplexed with other I/O functions.
2. Available to Motorola 16-bit 683xx and HC16 families of MCUs.
Table 40. Port Operating Mode Settings
Note: 1. N/A = Not Applicable
2. The direction of the Port A,B,C, and F pins are controlled by the Direction Register ORed with the individual output enable product
term (.oe) from the CPLD AND Array.
3. Any of these three methods enables the JTAG pins on Port E.
4. Control Register setting is not applicable to Ports A, B and C.
Port Mode
Port A
Port B
Port C
Port D
Port E
Port F
Port G
MCU I/O
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PLD I/O
McellA Outputs
McellB Outputs
Additional Ext. CS Outputs
PLD Inputs
Yes
No
No
Yes
Yes
Yes
No
Yes
No
No
Yes
Yes
No
No
No
Yes
No
No
No
No
No
No
Yes
Yes
No
No
No
No
Address Out
No
No
No
No
Yes (A7 – 0)
Yes (A7 – 0)
Yes (A7 – 0)
or (A15 – 8)
Address In
Yes
Yes
Yes
Yes
No
Yes
No
Data Port
No
No
No
No
No
Yes
Yes
Peripheral I/O
Yes
No
No
Yes
No
Yes
No
JTAG ISP
No
No
No
No
Yes1
No
No
MCU Reset Mode2
No
No
No
No
No
Yes
Yes
Mode
Defined in PSDsoft
Express
Control
Register
Setting
Direction
Register
Setting
VM Register
Setting
JTAG Enable
MCU I/O
Declare pins only
0 (Note 4)
1 = output,
0 = input
(Note 2)
N/A
N/A
PLD I/O
Declare pins and
Logic equations
N/A
(Note 2)
N/A
N/A
Data Port (Port F, G)
Selected for MCU
with non-multiplexed
bus
N/A
N/A
N/A
N/A
Address Out
(Port E, F, G)
Declare pins only
1
1 (Note 2)
N/A
N/A
Address In
(Port A, B, C, D, F)
Declare pins or Logic
equation for Input
Macrocells
N/A
N/A
N/A
N/A
Peripheral I/O
(Port F)
Logic equations
(PSEL0 and PSEL1)
N/A
N/A
PIO bit = 1
N/A
JTAG ISP 3
Declare pins only
N/A
N/A
N/A
JTAG_Enable
MCU Reset Mode
Specific pin logic level N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com