Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 81 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 81 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 77Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 78Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 79Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 80Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 81Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 82Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 83Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 84Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
81/89
PSD4235G2
Table 68. Port F Peripheral Data Mode Write Timing
Note: 1. RD has the same timing as DS, LDS, UDS, and PSEN (in 8031 combined mode).
2. WR has the same timing as the E, LDS, UDS, WRL, and WRH signals.
3. Any input used to select Port F Data Peripheral mode.
4. Data is already stable on Port F.
5. Data stable on ADIO pins to data on Port F.
Figure 47. Peripheral I/O Write Timing
Symbol
Parameter
Conditions
-70
-90
Unit
Min
Max
Min
Max
tWLQV–PF
WR to Data Propagation Delay
(Note 2)
25
35
ns
tDVQV–PF
Data to Port F Data Propagation Delay
(Note 5)
22
30
ns
tWHQZ–PF
WR Invalid to Port F Tri-state
(Note 2)
20
25
ns
tDVQV (PF)
tWLQV
(PF)
tWHQZ (PF)
ADDRESS
DATA OUT
A / D BUS
WR
PORT F
DATA OUT
ALE /AS
AI05741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com