Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 20 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 16Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 17Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 18Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 19Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 20Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 21Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 22Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 23Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
PSD4235G2
20/89
DETAILED OPERATION
As shown in Figure 4, the PSD consists of six ma-
jor types of functional blocks:
s
Memory Blocks
s
PLD Blocks
s
MCU Bus Interface
s
I/O Ports
s
Power Management Unit (PMU)
s
JTAG-ISP Interface
The functions of each block are described in the
following sections. Many of the blocks perform
multiple functions, and are user configurable.
Memory Blocks
The PSD has the following memory blocks:
– Primary Flash memory
– Secondary Flash memory
–SRAM
The Memory Select signals for these blocks origi-
nate from the Decode PLD (DPLD) and are user-
defined in PSDsoft Express.
Table 28 sumamarizes the sizes and organisa-
tions of the memory blocks.
Table 28. Memory Block Size and Organization
Primary Flash Memory
Secondary Flash Memory
SRAM
Sector
Number
Sector Size
(x16)
Sector Select
Signal
Sector Size
(x16)
Sector Select
Signal
SRAM Size
(x16)
SRAM Select
Signal
0
32K
FS0
4K
CSBOOT0
4K
RS0
1
32K
FS1
4K
CSBOOT1
2
32K
FS2
4K
CSBOOT2
3
32K
FS3
4K
CSBOOT3
4
32K
FS4
5
32K
FS5
6
32K
FS6
7
32K
FS7
Totals
512KByte
8 Sectors
32KByte
4 Sectors
8KByte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com