Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 36Page - Renesas Technology Corp H8/3008 Datasheet HTML 37Page - Renesas Technology Corp H8/3008 Datasheet HTML 38Page - Renesas Technology Corp H8/3008 Datasheet HTML 39Page - Renesas Technology Corp H8/3008 Datasheet HTML 40Page - Renesas Technology Corp H8/3008 Datasheet HTML 41Page - Renesas Technology Corp H8/3008 Datasheet HTML 42Page - Renesas Technology Corp H8/3008 Datasheet HTML 43Page - Renesas Technology Corp H8/3008 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 686 page
background image
Rev.4.00 Aug. 20, 2007 Page xl of xliv
REJ09B0395-0400
Section 6 Bus Controller
Table 6.1
Bus Controller Pins ............................................................................................ 103
Table 6.2
Bus Controller Registers .................................................................................... 104
Table 6.3
Bus Specifications for Each Area (Basic Bus Interface) .................................... 119
Table 6.4
Data Buses Used and Valid Strobes ................................................................... 124
Table 6.5
Pin States in Idle Cycle ...................................................................................... 136
Section 7 I/O Ports
Table 7.1
Port Functions .................................................................................................... 141
Table 7.2
Port 4 Registers .................................................................................................. 145
Table 7.3
Input Pull-Up MOS Transistor States (Port 4) ................................................... 147
Table 7.4
Port 6 Registers .................................................................................................. 148
Table 7.5
Port 6 Pin Functions in Modes 1 to 4 ................................................................. 150
Table 7.6
Port 7 Data Register ........................................................................................... 151
Table 7.7
Port 8 Registers .................................................................................................. 153
Table 7.8
Port 8 Pin Functions in Modes 1 to 4 ................................................................. 155
Table 7.9
Port 9 Registers .................................................................................................. 157
Table 7.10
Port 9 Pin Functions ........................................................................................... 159
Table 7.11
Port A Registers ................................................................................................. 162
Table 7.12
Port A Pin Functions (Modes 1 and 2) ............................................................... 165
Table 7.13
Port A Pin Functions (Modes 3 and 4) ............................................................... 167
Table 7.14
Port A Pin Functions (Modes 1 to 4).................................................................. 169
Table 7.15
Port B Registers.................................................................................................. 173
Table 7.16
Port B Pin Functions (Modes 1 to 4) .................................................................. 175
Section 8 16-Bit Timer
Table 8.1
16-bit timer Functions ........................................................................................ 178
Table 8.2
16-bit timer Pins ................................................................................................. 182
Table 8.3
16-bit timer Registers ......................................................................................... 183
Table 8.4
PWM Output Pins and Registers ........................................................................ 220
Table 8.5
Up/Down Counting Conditions .......................................................................... 224
Table 8.6
16-bit timer Interrupt Sources ............................................................................ 229
Table 8.7 (a)
16-bit timer Operating Modes (Channel 0) ........................................................ 239
Table 8.7 (b)
16-bit timer Operating Modes (Channel 1) ........................................................ 240
Table 8.7 (c)
16-bit timer Operating Modes (Channel 2) ........................................................ 241
Section 9 8-Bit Timers
Table 9.1
8-Bit Timer Pins ................................................................................................. 246
Table 9.2
8-Bit Timer Registers ......................................................................................... 247
Table 9.3
Operation of Channels 0 and 1 when Bit ICE is Set to 1 in 8TCSR1 Register .. 257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com