Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 65Page - Renesas Technology Corp H8/3008 Datasheet HTML 66Page - Renesas Technology Corp H8/3008 Datasheet HTML 67Page - Renesas Technology Corp H8/3008 Datasheet HTML 68Page - Renesas Technology Corp H8/3008 Datasheet HTML 69Page - Renesas Technology Corp H8/3008 Datasheet HTML 70Page - Renesas Technology Corp H8/3008 Datasheet HTML 71Page - Renesas Technology Corp H8/3008 Datasheet HTML 72Page - Renesas Technology Corp H8/3008 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 686 page
background image
2. CPU
Rev.4.00 Aug. 20, 2007 Page 25 of 638
REJ09B0395-0400
Rn
En
ERn
Word data
Word data
Longword data
15
0
MSB
LSB
General
Register
Data Type
Data Format
15
0
MSB
LSB
31
16
MSB
15
0
LSB
Legend:
ERn:
En:
Rn:
MSB:
LSB:
General register
General register E
General register R
Most significant bit
Least significant bit
Figure 2.7 General Register Data Formats (2)
2.5.2
Memory Data Formats
Figure 2.8 shows the data formats on memory. The H8/300H CPU can access word data and
longword data on memory, but word or longword data must begin at an even address. If an attempt
is made to access word or longword data at an odd address, no address error occurs but the least
significant bit of the address is regarded as 0, so the access starts at the preceding address. This
also applies to instruction fetches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com