Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 91Page - Renesas Technology Corp H8/3008 Datasheet HTML 92Page - Renesas Technology Corp H8/3008 Datasheet HTML 93Page - Renesas Technology Corp H8/3008 Datasheet HTML 94Page - Renesas Technology Corp H8/3008 Datasheet HTML 95Page - Renesas Technology Corp H8/3008 Datasheet HTML 96Page - Renesas Technology Corp H8/3008 Datasheet HTML 97Page - Renesas Technology Corp H8/3008 Datasheet HTML 98Page - Renesas Technology Corp H8/3008 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 686 page
background image
2. CPU
Rev.4.00 Aug. 20, 2007 Page 51 of 638
REJ09B0395-0400
The reset state can also be entered by a watchdog timer overflow. For details see section 11,
Watchdog Timer.
2.8.7
Power-Down State
In the power-down state the CPU stops operating to conserve power. There are three modes: sleep
mode, software standby mode, and hardware standby mode.
Sleep Mode: A transition to sleep mode is made if the SLEEP instruction is executed while the
SSBY bit is cleared to 0 in the system control register (SYSCR). CPU operations stop
immediately after execution of the SLEEP instruction, but the contents of CPU registers are
retained.
Software Standby Mode: A transition to software standby mode is made if the SLEEP
instruction is executed while the SSBY bit is set to 1 in SYSCR. The CPU and clock halt and all
on-chip supporting modules stop operating. The on-chip supporting modules are reset, but as long
as a specified voltage is supplied the contents of CPU registers and on-chip RAM are retained.
The I/O ports also remain in their existing states.
Hardware Standby Mode: A transition to hardware standby mode is made when the
STBY input
goes low. As in software standby mode, the CPU and all clocks halt and the on-chip supporting
modules are reset, but as long as a specified voltage is supplied, on-chip RAM contents are
retained.
For further information see section 18, Power-Down State.
2.9
Basic Operational Timing
2.9.1
Overview
The H8/300H CPU operates according to the system clock (
φ). The interval from one rise of the
system clock to the next rise is referred to as a “state.” A memory cycle or bus cycle consists of
two or three states. The CPU uses different methods to access on-chip memory, the on-chip
supporting modules, and the external address space. Access to the external address space can be
controlled by the bus controller.
2.9.2
On-Chip Memory Access Timing
On-chip memory is accessed in two states. The data bus is 16 bits wide, permitting both byte and
word access. Figure 2.15 shows the on-chip memory access cycle. Figure 2.16 indicates the pin
states. The H8/3008 has a function for changing the method of outputting addresses from the
address pins. For details see section 6.3.5, Address Output Method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com