Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 44Page - Renesas Technology Corp H8/3008 Datasheet HTML 45Page - Renesas Technology Corp H8/3008 Datasheet HTML 46Page - Renesas Technology Corp H8/3008 Datasheet HTML 47Page - Renesas Technology Corp H8/3008 Datasheet HTML 48Page - Renesas Technology Corp H8/3008 Datasheet HTML 49Page - Renesas Technology Corp H8/3008 Datasheet HTML 50Page - Renesas Technology Corp H8/3008 Datasheet HTML 51Page - Renesas Technology Corp H8/3008 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 686 page
background image
1. Overview
Rev.4.00 Aug. 20, 2007 Page 4 of 638
REJ09B0395-0400
Feature
Description
Operating modes Four MCU operating modes
Mode
Address
Space
Address
Pins
Initial Bus
Width
Max. Bus
Width
Mode 1
1 Mbyte
A
19 to A0
8 bits
16 bits
Mode 2
1 Mbyte
A
19 to A0
16 bits
16 bits
Mode 3
16 Mbytes
A
23 to A0
8 bits
16 bits
Mode 4
16 Mbytes
A
23 to A0
16 bits
16 bits
• On-chip ROM is disabled in modes 1 to 4
Power-down
state
• Sleep mode
• Software standby mode
• Hardware standby mode
• Module standby function
• Programmable system clock frequency division
Other features
• On-chip clock pulse generator
Product lineup
Product Type
Model
Package (Package Code)
H8/3008
5 V operation HD6413008F
100-pin QFP (FP-100B)
HD6413008TE
100-pin TQFP (TFP-100B)
3 V operation HD6413008VF
100-pin QFP (FP-100B)
HD6413008VTE
100-pin TQFP (TFP-100B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com