Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 64Page - Renesas Technology Corp H8/3008 Datasheet HTML 65Page - Renesas Technology Corp H8/3008 Datasheet HTML 66Page - Renesas Technology Corp H8/3008 Datasheet HTML 67Page - Renesas Technology Corp H8/3008 Datasheet HTML 68Page - Renesas Technology Corp H8/3008 Datasheet HTML 69Page - Renesas Technology Corp H8/3008 Datasheet HTML 70Page - Renesas Technology Corp H8/3008 Datasheet HTML 71Page - Renesas Technology Corp H8/3008 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 686 page
background image
2. CPU
Rev.4.00 Aug. 20, 2007 Page 24 of 638
REJ09B0395-0400
2.5
Data Formats
The H8/300H CPU can process 1-bit, 4-bit (BCD), 8-bit (byte), 16-bit (word), and 32-bit
(longword) data. Bit-manipulation instructions operate on 1-bit data by accessing bit n (n = 0, 1,
2, …, 7) of byte operand data. The DAA and DAS decimal-adjust instructions treat byte data as
two digits of 4-bit BCD data.
2.5.1
General Register Data Formats
Figures 2.6 and 2.7 show the data formats in general registers.
7
RnH
RnL
RnH
RnL
RnH
RnL
1-bit data
1-bit data
4-bit BCD data
4-bit BCD data
Byte data
Byte data
65 4 3 2 1 0
70
Don't care
7 6 5 4 32 10
70
Don't care
Don't care
70
43
Lower digit
Upper digit
7
43
Lower digit
Upper digit
Don't care
0
70
Don't care
MSB
LSB
Don't care
70
MSB
LSB
Data Type
Data Format
General
Register
Legend:
RnH: General register RH
RnL: General register RL
MSB: Most significant bit
LSB: Least significant bit
Figure 2.6 General Register Data Formats (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com