Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 27Page - Renesas Technology Corp H8/3008 Datasheet HTML 28Page - Renesas Technology Corp H8/3008 Datasheet HTML 29Page - Renesas Technology Corp H8/3008 Datasheet HTML 30Page - Renesas Technology Corp H8/3008 Datasheet HTML 31Page - Renesas Technology Corp H8/3008 Datasheet HTML 32Page - Renesas Technology Corp H8/3008 Datasheet HTML 33Page - Renesas Technology Corp H8/3008 Datasheet HTML 34Page - Renesas Technology Corp H8/3008 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 686 page
background image
Rev.4.00 Aug. 20, 2007, Page xxxi of xliv
REJ09B0395-0400
Section 7 I/O Ports
Figure 7.1
Port 4 Pin Configuration..................................................................................... 144
Figure 7.2
Port 6 Pin Configuration..................................................................................... 148
Figure 7.3
Port 7 Pin Configuration..................................................................................... 151
Figure 7.4
Port 8 Pin Configuration..................................................................................... 153
Figure 7.5
Port 9 Pin Configuration..................................................................................... 156
Figure 7.6
Port A Pin Configuration.................................................................................... 162
Figure 7.7
Port B Pin Configuration .................................................................................... 172
Section 8 16-Bit Timer
Figure 8.1
16-bit timer Block Diagram (Overall) ................................................................ 179
Figure 8.2
Block Diagram of Channels 0 and 1................................................................... 180
Figure 8.3
Block Diagram of Channel 2 .............................................................................. 181
Figure 8.4
16TCNT Access Operation [CPU
→ 16TCNT (Word)] .................................... 206
Figure 8.5
Access to Timer Counter (CPU Reads 16TCNT, Word).................................... 206
Figure 8.6
Access to Timer Counter H (CPU Writes to 16TCNTH, Upper Byte)............... 207
Figure 8.7
Access to Timer Counter L (CPU Writes to 16TCNTL, Lower Byte) ............... 207
Figure 8.8
Access to Timer Counter H (CPU Reads 16TCNTH, Upper Byte).................... 207
Figure 8.9
Access to Timer Counter L (CPU Reads 16TCNTL, Lower Byte) .................... 208
Figure 8.10
16TCR Access (CPU Writes to 16TCR) ............................................................ 208
Figure 8.11
16TCR Access (CPU Reads 16TCR) ................................................................. 209
Figure 8.12
Counter Setup Procedure (Example) .................................................................. 210
Figure 8.13
Free-Running Counter Operation ....................................................................... 211
Figure 8.14
Periodic Counter Operation ................................................................................ 212
Figure 8.15
Count Timing for Internal Clock Sources .......................................................... 212
Figure 8.16
Count Timing for External Clock Sources (when Both Edges are Detected)..... 213
Figure 8.17
Setup Procedure for Waveform Output by Compare Match (Example)............. 213
Figure 8.18
0 and 1 Output (TOA = 1, TOB = 0) .................................................................. 214
Figure 8.19
Toggle Output (TOA = 1, TOB = 0) .................................................................. 214
Figure 8.20
Output Compare Output Timing......................................................................... 215
Figure 8.21
Setup Procedure for Input Capture (Example) ................................................... 216
Figure 8.22
Input Capture (Example) .................................................................................... 216
Figure 8.23
Input Capture Signal Timing .............................................................................. 217
Figure 8.24
Setup Procedure for Synchronization (Example) ............................................... 218
Figure 8.25
Synchronization (Example) ................................................................................ 219
Figure 8.26
Setup Procedure for PWM Mode (Example)...................................................... 220
Figure 8.27
PWM Mode (Example 1) ................................................................................... 221
Figure 8.28
PWM Mode (Example 2) ................................................................................... 222
Figure 8.29
Setup Procedure for Phase Counting Mode (Example) ...................................... 223
Figure 8.30
Operation in Phase Counting Mode (Example).................................................. 224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com