Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3008 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 6Page - Renesas Technology Corp H8/3008 Datasheet HTML 7Page - Renesas Technology Corp H8/3008 Datasheet HTML 8Page - Renesas Technology Corp H8/3008 Datasheet HTML 9Page - Renesas Technology Corp H8/3008 Datasheet HTML 10Page - Renesas Technology Corp H8/3008 Datasheet HTML 11Page - Renesas Technology Corp H8/3008 Datasheet HTML 12Page - Renesas Technology Corp H8/3008 Datasheet HTML 13Page - Renesas Technology Corp H8/3008 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 686 page
background image
Rev.4.00 Aug. 20, 2007 page x of xliv
REJ09B0395-0400
Item
Page
Revision (See Manual for Details)
9.4.5 Operation with
Cascaded Connection
Compare Match Count
Mode
267
Description amended
• Channels 0 and 1:
When bits CKS2 to CKS0 are set to (100) in 8TCR1,
8TCNT1 counts channel 0 compare match A events.
Channels 0 and 1 are controlled independently.
CMF flag setting, interrupt generation, TMO pin output,
counter clearing, and so on, is in accordance with the
settings for each channel.
Note: When bit ICE = 1 in 8TCSR1, the compare match
register function of TCORB0 in channel 0 cannot be
used.
• Channels 2 and 3:
When bits CKS2 to CKS0 are set to (100) in 8TCR3,
8TCNT3 counts channel 2 compare match A events.
Channels 2 and 3 are controlled independently.
CMF flag setting, interrupt generation, TMO pin output,
counter clearing, and so on, is in accordance with the
settings for each channel.
Note: When bit ICE = 1 in 8TCSR3, the compare match
register function of TCORB2 in channel 2 cannot be
used.
9.7.1 Contention
between 8TCNT Write
and Clear
Figure 9.18 Contention
between 8TCNT Write
and Clear
272
Figure amended
φ
Address bus
8TCNT address
Internal write signal
Counter clear signal
8TCNT
N
H'00
T1
T3
T2
8TCNT write cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com