Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 32Page - Renesas Technology Corp H8/3024F Datasheet HTML 33Page - Renesas Technology Corp H8/3024F Datasheet HTML 34Page - Renesas Technology Corp H8/3024F Datasheet HTML 35Page - Renesas Technology Corp H8/3024F Datasheet HTML 36Page - Renesas Technology Corp H8/3024F Datasheet HTML 37Page - Renesas Technology Corp H8/3024F Datasheet HTML 38Page - Renesas Technology Corp H8/3024F Datasheet HTML 39Page - Renesas Technology Corp H8/3024F Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 841 page
background image
Rev. 2.00 Sep 20, 2005 page xxxvi of xxxviii
Table 13.3
Smart Card Interface Register Settings................................................................ 426
Table 13.4
n-Values of CKS1 and CKS0 Settings................................................................. 428
Table 13.5
Bit Rates (bits/s) for Various BRR Settings (When n = 0) .................................. 428
Table 13.6
BRR Settings for Typical Bit Rates (bits/s) (When n = 0)................................... 429
Table 13.7
Maximum Bit Rates for Various Frequencies (Smart Card Interface Mode) ...... 429
Table 13.8
Smart Card Interface Mode Operating States and Interrupt Sources ................... 436
Section 14 A/D Converter
Table 14.1
A/D Converter Pins.............................................................................................. 443
Table 14.2
A/D Converter Registers...................................................................................... 444
Table 14.3
Analog Input Channels and A/D Data Registers (ADDRA to ADDRD)............. 445
Table 14.4
A/D Conversion Time (Single Mode).................................................................. 456
Table 14.5
Analog Input Pin Ratings..................................................................................... 458
Section 15 D/A Converter
Table 15.1
D/A Converter Pins.............................................................................................. 465
Table 15.2
D/A Converter Registers...................................................................................... 465
Section 16 RAM
Table 16.1
H8/3024 Group On-Chip RAM Specifications.................................................... 471
Table 16.2
System Control Register ...................................................................................... 472
Section 17 Flash Memory [H8/3026F-ZTAT Version]
Table 17.1
Operating Modes and ROM................................................................................. 475
Table 17.2
Flash Memory Pins .............................................................................................. 478
Table 17.3
Flash Memory Registers ...................................................................................... 478
Table 17.4
Flash Memory Erase Blocks ................................................................................ 485
Table 17.5
Flash Memory Area Divisions ............................................................................. 486
Table 17.6
On-Board Programming Mode Settings .............................................................. 493
Table 17.7
System Clock Frequencies for which Automatic Adjustment
of H8/3026F-ZTAT Version Bit Rate is Possible................................................ 496
Table 17.8
Hardware Protection ............................................................................................ 511
Table 17.9
Software Protection ............................................................................................. 512
Table 17.10
H8/3026F-ZTAT Version Socket Adapter Product Codes .................................. 519
Section 18 Flash Memory [H8/3024F-ZTAT Version]
Table 18.1
Operating Modes and ROM................................................................................. 529
Table 18.2
Flash Memory Pins .............................................................................................. 532
Table 18.3
Flash Memory Registers ...................................................................................... 532
Table 18.4
Flash Memory Erase Blocks ................................................................................ 539
Table 18.5
RAM Area Setting ............................................................................................... 540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com