Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 42Page - Renesas Technology Corp H8/3024F Datasheet HTML 43Page - Renesas Technology Corp H8/3024F Datasheet HTML 44Page - Renesas Technology Corp H8/3024F Datasheet HTML 45Page - Renesas Technology Corp H8/3024F Datasheet HTML 46Page - Renesas Technology Corp H8/3024F Datasheet HTML 47Page - Renesas Technology Corp H8/3024F Datasheet HTML 48Page - Renesas Technology Corp H8/3024F Datasheet HTML 49Page - Renesas Technology Corp H8/3024F Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 841 page
background image
Section 1 Overview
Rev. 2.00 Sep 20, 2005 page 8 of 800
REJ09B0260-0200
CS
2/IRQ2/P82
ADTRG/CS
1/IRQ3/P83
CS
0/P84
V
SS
TCLKA/TP
0/PA0
TCLKB/TP
1/PA1
TCLKC/TIOCA
0/TP2/PA2
TCLKD/TIOCB
0/TP3/PA3
A
23/TIOCA1/TP4/PA4
A
22/TIOCB1/TP5/PA5
A
21/TIOCA2/TP6/PA6
A
20/TIOCB2/TP7/PA7
/P8
/IRQ
CS
/P8
IRQ
AV
P7 /AN /DA
P7 /AN /DA
P7 /AN
P7 /AN
P7 /AN
P7 /AN
P7 /AN
P7 /AN
V
AV
1
0
7
6
5
4
3
2
1
0
1
0
7
6
5
4
3
2
1
0
D7/P47
D8/P30
D9/P31
D10/P32
D11/P33
D12/P34
D13/P35
D14/P36
D15/P37
P10/A0
P11/A1
P12/A2
P13/A3
P14/A4
P15/A5
P16/A6
P17/A7
P20/A8
P21/A9
P22/A10
P23/A11
P24/A12
P25/A13
Top view
(FP-100B, TFP-100B)
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
SS
REF
CC
1
0
VCC
VSS
3
Note: * Functions as the
RES0 pin in the mask ROM version, and as the FWE pin in the F-ZTAT version.
Figure 1.2 Pin Arrangement of H8/3024F-ZTAT, H8/3026F-ZTAT,
H8/3024 Mask ROM Version, and H8/3026 Mask ROM Version
(FP-100B or TFP-100B Package, Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com