Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 56Page - Renesas Technology Corp H8/3024F Datasheet HTML 57Page - Renesas Technology Corp H8/3024F Datasheet HTML 58Page - Renesas Technology Corp H8/3024F Datasheet HTML 59Page - Renesas Technology Corp H8/3024F Datasheet HTML 60Page - Renesas Technology Corp H8/3024F Datasheet HTML 61Page - Renesas Technology Corp H8/3024F Datasheet HTML 62Page - Renesas Technology Corp H8/3024F Datasheet HTML 63Page - Renesas Technology Corp H8/3024F Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 841 page
background image
Section 2 CPU
Rev. 2.00 Sep 20, 2005 page 22 of 800
REJ09B0260-0200
2.4
Register Configuration
2.4.1
Overview
The H8/300H CPU has the internal registers shown in figure 2.3. There are two types of registers:
general registers and control registers.
ER0
ER1
ER2
ER3
ER4
ER5
ER6
ER7
E0
E1
E2
E3
E4
E5
E6
E7
R0H
R1H
R2H
R3H
R4H
R5H
R6H
R7H
R0L
R1L
R2L
R3L
R4L
R5L
R6L
R7L
0
7
0
7
0
15
(SP)
23
0
PC
7
CCR
65 43 21 0
IUI H U N Z V C
General Registers (ERn)
Control Registers (CR)
Legend:
SP:
PC:
CCR:
I:
UI:
H:
U:
N:
Z:
V:
C:
Stack pointer
Program counter
Condition code register
Interrupt mask bit
User bit or interrupt mask bit
Half-carry flag
User bit
Negative flag
Zero flag
Overflow flag
Carry flag
Figure 2.3 CPU Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com