Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 52Page - Renesas Technology Corp H8/3024F Datasheet HTML 53Page - Renesas Technology Corp H8/3024F Datasheet HTML 54Page - Renesas Technology Corp H8/3024F Datasheet HTML 55Page - Renesas Technology Corp H8/3024F Datasheet HTML 56Page - Renesas Technology Corp H8/3024F Datasheet HTML 57Page - Renesas Technology Corp H8/3024F Datasheet HTML 58Page - Renesas Technology Corp H8/3024F Datasheet HTML 59Page - Renesas Technology Corp H8/3024F Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 841 page
background image
Section 1 Overview
Rev. 2.00 Sep 20, 2005 page 18 of 800
REJ09B0260-0200
Pin No.
Pin Name
FP-100B
TFP-100B
FP-100A
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Mode 6
Mode 7
89
91
P82/
IRQ2/
CS2
P82/
IRQ2/
CS2
P82/
IRQ2/
CS2
P82/
IRQ2/
CS2
P82/
IRQ2/
CS2
P82/
IRQ2
P82/
IRQ2
90
92
P83/
IRQ3/
CS1/
ADTRG
P83/
IRQ3/
CS1/
ADTRG
P83/
IRQ3/
CS1/
ADTRG
P83/
IRQ3/
CS1/
ADTRG
P83/
IRQ3/
CS1/
ADTRG
P83/
IRQ3/
ADTRG
P83/
IRQ3/
ADTRG
91
93
P84/
CS0
P84/
CS0
P84/
CS0
P84/
CS0
P84/
CS0
P84
P84
92
94
VSS
VSS
VSS
VSS
VSS
VSS
VSS
93
95
PA0/TP0/
TCLKA
PA0/TP0/
TCLKA
PA0/TP0/
TCLKA
PA0/TP0/
TCLKA
PA0/TP0/
TCLKA
PA0/TP0/
TCLKA
PA0/TP0/
TCLKA
94
96
PA1/TP1/
TCLKB
PA1/TP1/
TCLKB
PA1/TP1
/TCLKB
PA1/TP1/
TCLKB
PA1/TP1/
TCLKB
PA1/TP1/
TCLKB
PA1/TP1/
TCLKB
95
97
PA2/TP2/
TIOCA0/
TCLKC
PA2/TP2/
TIOCA0/
TCLKC
PA2/TP2/
TIOCA0/
TCLKC
PA2/TP2/
TIOCA0/
TCLKC
PA2/TP2/
TIOCA0/
TCLKC
PA2/TP2/
TIOCA0/
TCLKC
PA2/TP2/
TIOCA0/
TCLKC
96
98
PA3/TP3/
TIOCB0/
TCLKD
PA3/TP3/
TIOCB0/
TCLKD
PA3/TP3/
TIOCB0/
TCLKD
PA3/TP3/
TIOCB0/
TCLKD
PA3/TP3/
TIOCB0/
TCLKD
PA3/TP3/
TIOCB0/
TCLKD
PA3/TP3/
TIOCB0/
TCLKD
97
99
PA4/TP4/
TIOCA1
PA4/TP4/
TIOCA1
PA4/TP4/
TIOCA1/A23
PA4/TP4/
TIOCA1/A23
PA4/TP4/
TIOCA1/A23
PA4/TP4/
TIOCA1
PA4/TP4/
TIOCA1
98
100
PA5/TP5/
TIOCB1
PA5/TP5/
TIOCB1
PA5/TP5/
TIOCB1/A22
PA5/TP5/
TIOCB1/A22
PA5/TP5/
TIOCB1/A22
PA5/TP5/
TIOCB1
PA5/TP5/
TIOCB1
99
1
PA6/TP6/
TIOCA2
PA6/TP6/
TIOCA2
PA6/TP6/
TIOCA2/A21
PA6/TP6/
TIOCA2/A21
PA6/TP6/
TIOCA2/A21
PA6/TP6/
TIOCA2
PA6/TP6/
TIOCA2
100
2
PA7/TP7/
TIOCB2
PA7/TP7/
TIOCB2
A20
A20
PA7/TP7/
TIOCB2/A20
PA7/TP7/
TIOCB2
PA7/TP7/
TIOCB2
Notes: 1. In modes 1, 3, and 5 the P40 to P47 functions of pins P40/D0 to P47/D7 are selected after
a reset, but they can be changed by software.
2. In modes 2 and 4 the D0 to D7 functions of pins P40/D0 to P47/D7 are selected after a
reset, but they can be changed by software.
3. Functions as
RESO in the mask ROM versions, and as FWE in the on-chip flash
memory versions. Functions as the programming control signal in modes 5 and 7.
1.4
Caution on Crystal Resonator Connection
The H8/3024 Group support an operating frequency of up to 25 MHz. If a crystal resonator with a
frequency higher than 20 MHz is connected, attention must be paid to circuit constants such as
external load capacitance values. For details see section 19.2.1, Connecting a Crystal Resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com