Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 218Page - Renesas Technology Corp H8/3024F Datasheet HTML 219Page - Renesas Technology Corp H8/3024F Datasheet HTML 220Page - Renesas Technology Corp H8/3024F Datasheet HTML 221Page - Renesas Technology Corp H8/3024F Datasheet HTML 222Page - Renesas Technology Corp H8/3024F Datasheet HTML 223Page - Renesas Technology Corp H8/3024F Datasheet HTML 224Page - Renesas Technology Corp H8/3024F Datasheet HTML 225Page - Renesas Technology Corp H8/3024F Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 184 of 800
REJ09B0260-0200
Port 9 Data Register (P9DR): P9DR is an 8-bit readable/writable register that stores output data
for port 9. When port 9 functions as an output port, the value of this register is output. When a bit
in P9DDR is set to 1, if port 9 is read the value of the corresponding P9DR bit is returned. When a
bit in P9DDR is cleared to 0, if port 9 is read the corresponding pin logic level is read.
Bits 7 and 6 are reserved. They are fixed at 1, and cannot be modified.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
P9
0
R/W
4
P9
0
R/W
4
3
P9
0
R/W
3
2
P9
0
R/W
2
1
P9
0
R/W
1
0
P9
0
R/W
0
Reserved bits
Port 9 data 5 to 0
These bits store data
for port 9 pins
5
P9DR is initialized to H'C0 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com