Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 289Page - Renesas Technology Corp H8/3024F Datasheet HTML 290Page - Renesas Technology Corp H8/3024F Datasheet HTML 291Page - Renesas Technology Corp H8/3024F Datasheet HTML 292Page - Renesas Technology Corp H8/3024F Datasheet HTML 293Page - Renesas Technology Corp H8/3024F Datasheet HTML 294Page - Renesas Technology Corp H8/3024F Datasheet HTML 295Page - Renesas Technology Corp H8/3024F Datasheet HTML 296Page - Renesas Technology Corp H8/3024F Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 255 of 800
REJ09B0260-0200
8.5
Interrupts
The 16-bit timer has two types of interrupts: input capture/compare match interrupts, and overflow
interrupts.
8.5.1
Setting of Status Flags
Timing of Setting of IMFA and IMFB at Compare Match: IMFA and IMFB are set to 1 by a
compare match signal generated when 16TCNT matches a general register (GR). The compare
match signal is generated in the last state in which the values match (when 16TCNT is updated
from the matching count to the next count). Therefore, when 16TCNT matches a general register,
the compare match signal is not generated until the next 16TCNT clock input. Figure 8.33 shows
the timing of the setting of IMFA and IMFB.
φ
16TCNT
GR
IMF
IMI
16TCNT input
clock
Compare
match signal
N
N + 1
N
Figure 8.33 Timing of Setting of IMFA and IMFB by Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com