Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 113Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 114Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 115Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 116Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
115
4.7.13
PATA Timing Parameters
This section describes the timing parameters of the Parallel ATA module which are compliant with
ATA/ATAPI-6 specification.
Parallel ATA module can work on PIO/Multi-Word DMA/Ultra DMA transfer modes. Each transfer mode
has different data transfer rate, Ultra DMA mode 4 data transfer rate is up to 100MB/s. Parallel ATA
module interface consist of a total of 29 pins. Some pins act on different function in different transfer
mode. There are different requirements of timing relationships among the function pins conform with
ATA/ATAPI-6 specification and these requirements are configurable by the ATA module registers.
Table 69 and Figure 67 define the AC characteristics of all the PATA interface signals in all data transfer
modes.
Figure 67. PATA Interface Signals Timing Diagram
Table 68. PWM Output Timing Parameter
Ref. No.
Parameter
Min
Max
Unit
1
System CLK frequency1
1 CL of PWMO = 30 pF
0
ipg_clk
MHz
2a
Clock high time
12.29
—
ns
2b
Clock low time
9.91
—
ns
3a
Clock fall time
—
0.5
ns
3b
Clock rise time
—
0.5
ns
4a
Output delay time
—
9.37
ns
4b
Output setup time
8.71
—
ns
Table 69. AC Characteristics of All Interface Signals
ID
Parameter
Symbol
Min
Max
Unit
SI1
Rising edge slew rate for any signal on ATA interface1
1 SRISE and SFALL shall meet this requirement when measured at the sender’s connector from 10–90% of full signal
amplitude with all capacitive loads from 15
–40 pF where all signals have the same capacitive load value.
Srise
—1.25
V/ns
SI2
Falling edge slew rate for any signal on ATA interface1
Sfall
—1.25
V/ns
SI3
Host interface signal capacitance at the host connector
Chost
—20
pF
ATA Interface Signals
SI1
SI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com