Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 113Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 114Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 115Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 116Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 119Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
116
Freescale Semiconductor
Electrical Characteristics
The user must use level shifters for 5.0 V compatibility on the ATA interface. The i.MX53xA PATA
interface is 3.3 V compatible.
The use of bus buffers introduces delay on the bus and skew between signal lines. These factors make it
difficult to operate the bus at the highest speed (UDMA-5) when bus buffers are used. If fast UDMA mode
operation is needed, this may not be compatible with bus buffers.
Another area of attention is the slew rate limit imposed by the ATA specification on the ATA bus.
According to this limit, any signal driven on the bus should have a slew rate between 0.4 and 1.2 V/ns with
a 40 pF load. Not many vendors of bus buffers specify slew rate of the outgoing signals.
When bus buffers are used, the ata_data bus buffer is special. This is a bidirectional bus buffer, so a
direction control signal is needed. This direction control signal is ata_buffer_en. When its high, the bus
should drive from host to device. When its low, the bus should drive from device to host. Steering of the
signal is such that contention on the host and device tri-state busses is always avoided.
In the timing equations, some timing parameters are used. These parameters depend on the
implementation of the i.MX53xA PATA interface on silicon, the bus buffer used, the cable delay and
cable skew. Table 70 shows ATA timing parameters.
Table 70. PATA Timing Parameters
Name
Description
Value/
Contributing Factor1
T
Bus clock period (AHB_CLK_ROOT)
Peripheral clock frequency
(7.5 ns for 133 MHz clock)
ti_ds
Set-up time ata_data to ata_iordy edge (UDMA-in only)
UDMA0
UDMA1
UDMA2, UDMA3
UDMA4
UDMA5
15 ns
10 ns
7 ns
5 ns
4 ns
ti_dh
Hold time ata_iordy edge to ata_data (UDMA-in only)
UDMA0, UDMA1, UDMA2, UDMA3, UDMA4
UDMA5
5.0 ns
4.6 ns
tco
Propagation delay bus clock L-to-H to
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data, ata_buffer_en
12.0 ns
tsu
Set-up time ata_data to bus clock L-to-H
8.5 ns
tsui
Set-up time ata_iordy to bus clock H-to-L
8.5 ns
thi
Hold time ata_iordy to bus clock H to L
2.5 ns
tskew1
Max difference in propagation delay bus clock L-to-H to any of following signals
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data (write), ata_buffer_en
7ns
tskew2
Max difference in buffer propagation delay for any of following signals:
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data (write), ata_buffer_en
Transceiver
tskew3
Max difference in buffer propagation delay for any of following signals ata_iordy,
ata_data (read)
Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com