Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 124Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 125Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 126Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 127Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 128Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 129Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 130Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 131Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
128
Freescale Semiconductor
Electrical Characteristics
Figure 81. Test Access Port Timing Diagram
Figure 82. TRST Timing Diagram
Table 79. JTAG Timing
ID
Parameter1,2
All Frequencies
Unit
Min
Max
SJ0
TCK frequency of operation 1/(3•TDC)
1
0.001
22
MHz
SJ1
TCK cycle time in crystal mode
45
—
ns
SJ2
TCK clock pulse width measured at VM
2
22.5
—
ns
SJ3
TCK rise and fall times
—
3
ns
SJ4
Boundary scan input data set-up time
5
—
ns
SJ5
Boundary scan input data hold time
24
—
ns
SJ6
TCK low to output data valid
—
40
ns
SJ7
TCK low to output high impedance
—
40
ns
SJ8
TMS, TDI data set-up time
5
—
ns
TCK
(Input)
TDI
(Input)
TDO
(Output)
TDO
(Output)
TDO
(Output)
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
TMS
SJ8
SJ9
SJ10
SJ11
SJ10
TCK
(Input)
TRST
(Input)
SJ13
SJ12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com