Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 27Page - Texas Instruments TMS320F2811 Datasheet HTML 28Page - Texas Instruments TMS320F2811 Datasheet HTML 29Page - Texas Instruments TMS320F2811 Datasheet HTML 30Page - Texas Instruments TMS320F2811 Datasheet HTML 31Page - Texas Instruments TMS320F2811 Datasheet HTML 32Page - Texas Instruments TMS320F2811 Datasheet HTML 33Page - Texas Instruments TMS320F2811 Datasheet HTML 34Page - Texas Instruments TMS320F2811 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 3-1. Addresses of Flash Sectors in F2812 and F2811
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3D 8000
Sector J, 8K x 16
0x3D 9FFF
0x3D A000
Sector I, 8K x 16
0x3D BFFF
0x3D C000
Sector H, 16K x 16
0x3D FFFF
0x3E 0000
Sector G, 16K x 16
0x3E 3FFF
0x3E 4000
Sector F, 16K x 16
0x3E 7FFF
0x3E 8000
Sector E, 16K x 16
0x3E BFFF
0x3E C000
Sector D, 16K x 16
0x3E FFFF
0x3F 0000
Sector C, 16K x 16
0x3F 3FFF
0x3F 4000
Sector B, 8K x 16
0x3F 5FFF
0x3F 6000
Sector A, 8K x 16
0x3F 7F80
Program to 0x0000 when using the
0x3F 7FF5
Code Security Module
0x3F 7FF6
Boot-to-Flash (or ROM) Entry Point
0x3F 7FF7
(program branch instruction here)
0x3F 7FF8
Security Password (128-Bit)
0x3F 7FFF
(Do not program to all zeros)
Table 3-2. Addresses of Flash Sectors in F2810
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3E 8000
Sector E, 16K x 16
0x3E BFFF
0x3E C000
Sector D, 16K x 16
0x3E FFFF
0x3F 0000
Sector C, 16K x 16
0x3F 3FFF
0x3F 4000
Sector B, 8K x 16
0x3F 5FFF
0x3F 6000
Sector A, 8K x 16
0x3F 7F80
Program to 0x0000 when using the
0x3F 7FF5
Code Security Module
0x3F 7FF6
Boot-to-Flash (or ROM) Entry Point
0x3F 7FF7
(program branch instruction here)
0x3F 7FF8
Security Password (128-Bit)
0x3F 7FFF
(Do not program to all zeros)
The “Low 64K” of the memory address range maps into the data space of the 240x. The “High 64K” of the
memory address range maps into the program space of the 24x/240x. 24x/240x-compatible code will
execute only from the “High 64K”memory area. Hence, the top 32K of Flash/ROM and H0 SARAM block
can be used to run 24x/240x-compatible code (if MP/MC mode is low) or, on the 2812, code can be
executed from XINTF Zone 7 (if MP/MC mode is high).
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
31
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com