Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 52Page - Texas Instruments TMS320F2811 Datasheet HTML 53Page - Texas Instruments TMS320F2811 Datasheet HTML 54Page - Texas Instruments TMS320F2811 Datasheet HTML 55Page - Texas Instruments TMS320F2811 Datasheet HTML 56Page - Texas Instruments TMS320F2811 Datasheet HTML 57Page - Texas Instruments TMS320F2811 Datasheet HTML 58Page - Texas Instruments TMS320F2811 Datasheet HTML 59Page - Texas Instruments TMS320F2811 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 170 page
background image
INT1
to
INT12
INT14
C28x
CPU
TINT2
TINT0
PIE
CPU-TIMER 2
(Reserved for
DSP/BIOS)
INT13
TINT1
XINT13
CPU-TIMER 0
CPU-TIMER 1
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
In the F281x and C281x devices, the timer interrupt signals (TINT0, TINT1, TINT2) are connected as
shown in Figure 4-2.
A.
The timer registers are connected to the memory bus of the C28x processor.
B.
The timing of the timers is synchronized to SYSCLKOUT of the processor clock.
Figure 4-2. CPU-Timer Interrupts Signals and Output Signal
The general operation of the timer is as follows: The 32-bit counter register “TIMH:TIM” is loaded with the
value in the period register “PRDH:PRD”. The counter register decrements at the SYSCLKOUT rate of the
C28x. When the counter reaches 0, a timer interrupt output signal generates an interrupt pulse. The
registers listed in Table 4-1 are used to configure the timers. For more information, see the TMS320x281x
DSP System Control and Interrupts Reference Guide (literature number SPRU078).
56
Peripherals
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com