Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 61Page - Texas Instruments TMS320F2811 Datasheet HTML 62Page - Texas Instruments TMS320F2811 Datasheet HTML 63Page - Texas Instruments TMS320F2811 Datasheet HTML 64Page - Texas Instruments TMS320F2811 Datasheet HTML 65Page - Texas Instruments TMS320F2811 Datasheet HTML 66Page - Texas Instruments TMS320F2811 Datasheet HTML 67Page - Texas Instruments TMS320F2811 Datasheet HTML 68Page - Texas Instruments TMS320F2811 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 170 page
background image
ADCINA[7:0]
ADCINB[7:0]
ADCLO
ADCBGREFIN
(A)
Test Pin
ADC External Current Bias Resistor
ADCRESEXT
ADCREFP
V
DDA1
V
DDA2
V
SSA1
V
SSA2
AVDDREFBG
AVSSREFBG
V
DDAIO
V
SSAIO
V
DD1
V
SS1
ADC Reference Positive Output
ADCREFM
ADC Reference Medium Output
ADC Analog Power
ADC Reference Power
ADC Analog I/O Power
ADC Digital Power
Analog input 0-3 V with respect to ADCLO
Connect to Analog Ground
Analog 3.3 V
Analog 3.3 V
Analog 3.3 V
Analog 3.3 V
Analog Ground
1.8 V
ADCREFP and ADCREFM should not
be loaded by external circuitry
can use the same 1.8-V (or 1.9-V) supply as
the digital core but separate the two with a
ferrite bead or a filter
Digital Ground
ADC 16-Channel Analog Inputs
10 F
(C)
10 F
(C)
24.9 k
/20 k
(B)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Figure 4-5 shows the ADC pin-biasing for internal reference and Figure 4-6 shows the ADC pin-biasing for
external reference.
A.
Provide access to this pin in PCB layouts. Intended for test purposes only.
B.
Use 24.9 k
Ω for ADC clock range 1–18.75 MHz; use 20 kΩ for ADC clock range 18.75–25 MHz.
C.
TAIYO YUDEN EMK325F106ZH, EMK325BJ106MD, or equivalent ceramic capacitor
D.
External decoupling capacitors are recommended on all power pins.
E.
Analog inputs must be driven from an operational amplifier that does not degrade the ADC performance.
Figure 4-5. ADC Pin Connections With Internal Reference
NOTE
The temperature rating of any recommended component must match the rating of the end
product.
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
65
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com