Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 40Page - Texas Instruments TMS320F2811 Datasheet HTML 41Page - Texas Instruments TMS320F2811 Datasheet HTML 42Page - Texas Instruments TMS320F2811 Datasheet HTML 43Page - Texas Instruments TMS320F2811 Datasheet HTML 44Page - Texas Instruments TMS320F2811 Datasheet HTML 45Page - Texas Instruments TMS320F2811 Datasheet HTML 46Page - Texas Instruments TMS320F2811 Datasheet HTML 47Page - Texas Instruments TMS320F2811 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 170 page
background image
PIE
TIMER 2
(Reserved for DSP/BIOS)
TIMER 0
Watchdog
Peripherals
(SPI, SCI, McBSP, CAN, EV, ADC)
(41 Interrupts)
TINT0
Interrupt Control
XNMICR[15:0]
XINT1
Interrupt Control
XINT1CR[15:0]
XINT2
Interrupt Control
XINT2CR[15:0]
GPIO
MUX
WDINT
C28x CPU
INT1
to
INT12
INT13
INT14
NMI
XINT1CTR[15:0]
XINT2CTR[15:0]
XNMICTR[15:0]
TIMER 1
TINT2
Low-Power Modes
LPMINT
WAKEINT
XNMI_XINT13
TINT1
enable
select
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
3.6
Interrupts
Figure 3-6 shows how the various interrupt sources are multiplexed within the F281x and C281x devices.
A.
Out of a possible 96 interrupts, 45 are currently used by peripherals.
Figure 3-6. Interrupt Sources
Eight PIE block interrupts are grouped into one CPU interrupt. In total, 12 CPU interrupt groups, with
8 interrupts per group equals 96 possible interrupts. On the F281x and C281x, 45 of these are used by
peripherals as shown in Table 3-12.
The TRAP #VectorNumber instruction transfers program control to the interrupt service routine
corresponding to the vector specified. TRAP #0 attempts to transfer program control to the address
pointed to by the reset vector. The PIE vector table does not, however, include a reset vector. Therefore,
TRAP #0 should not be used when the PIE is enabled. Doing so will result in undefined behavior.
When the PIE is enabled, TRAP #1 through TRAP #12 will transfer program control to the interrupt service
routine corresponding to the first vector within the PIE group. For example: TRAP #1 fetches the vector
from INT1.1, TRAP #2 fetches the vector from INT2.1 and so forth.
44
Functional Overview
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com