Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 33Page - Texas Instruments TMS320F2811 Datasheet HTML 34Page - Texas Instruments TMS320F2811 Datasheet HTML 35Page - Texas Instruments TMS320F2811 Datasheet HTML 36Page - Texas Instruments TMS320F2811 Datasheet HTML 37Page - Texas Instruments TMS320F2811 Datasheet HTML 38Page - Texas Instruments TMS320F2811 Datasheet HTML 39Page - Texas Instruments TMS320F2811 Datasheet HTML 40Page - Texas Instruments TMS320F2811 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
3.2.14 Oscillator and PLL
The F281x and C281x can be clocked by an external oscillator or by a crystal attached to the on-chip
oscillator circuit. A PLL is provided supporting up to 10-input clock-scaling ratios. The PLL ratios can be
changed on-the-fly in software, enabling the user to scale back on operating frequency if lower power
operation is desired. Refer to Section 6, Electrical Specifications, for timing details. The PLL block can be
set in bypass mode.
3.2.15 Watchdog
The F281x and C281x support a watchdog timer. The user software must regularly reset the watchdog
counter within a certain time frame; otherwise, the watchdog will generate a reset to the processor. The
watchdog can be disabled if necessary.
3.2.16 Peripheral Clocking
The clocks to each individual peripheral can be enabled/disabled to reduce power consumption when a
peripheral is not in use. Additionally, the system clock to the serial ports (except eCAN) and the event
managers, CAP and QEP blocks can be scaled relative to the CPU clock. This enables the timing of
peripherals to be decoupled from increasing CPU clock speeds.
3.2.17 Low-Power Modes
The F281x and C281x devices are fully static CMOS devices. Three low-power modes are provided:
IDLE:
Place CPU in low-power mode. Peripheral clocks may be turned off selectively and only
those peripherals that must function during IDLE are left operating. An enabled interrupt
from an active peripheral will wake the processor from IDLE mode.
STANDBY:
Turns off clock to CPU and peripherals. This mode leaves the oscillator and PLL
functional. An external interrupt event will wake the processor and the peripherals.
Execution begins on the next valid cycle after detection of the interrupt event.
HALT:
Turns off the internal oscillator. This mode basically shuts down the device and places it
in the lowest possible power consumption mode. Only a reset or XNMI can wake the
device from this mode.
3.2.18 Peripheral Frames 0, 1, 2 (PFn)
The F281x and C281x segregate peripherals into three sections. The mapping of peripherals is as follows:
PF0:
XINTF:
External Interface Configuration Registers (2812 only)
PIE:
PIE Interrupt Enable and Control Registers Plus PIE Vector Table
Flash:
Flash Control, Programming, Erase, Verify Registers
Timers:
CPU-Timers 0, 1, 2 Registers
CSM:
Code Security Module KEY Registers
PF1:
eCAN:
eCAN Mailbox and Control Registers
PF2:
SYS:
System Control Registers
GPIO:
GPIO Mux Configuration and Control Registers
EV:
Event Manager (EVA/EVB) Control Registers
McBSP:
McBSP Control and TX/RX Registers
SCI:
Serial Communications Interface (SCI) Control and RX/TX Registers
SPI:
Serial Peripheral Interface (SPI) Control and RX/TX Registers
ADC:
12-Bit ADC Registers
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
37
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com