Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 14Page - Texas Instruments TMS320F2811 Datasheet HTML 15Page - Texas Instruments TMS320F2811 Datasheet HTML 16Page - Texas Instruments TMS320F2811 Datasheet HTML 17Page - Texas Instruments TMS320F2811 Datasheet HTML 18Page - Texas Instruments TMS320F2811 Datasheet HTML 19Page - Texas Instruments TMS320F2811 Datasheet HTML 20Page - Texas Instruments TMS320F2811 Datasheet HTML 21Page - Texas Instruments TMS320F2811 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
2.4
Signal Descriptions
Table 2-2 specifies the signals on the F281x and C281x devices. All digital inputs are TTL-compatible. All
outputs are 3.3 V with CMOS levels. Inputs are not 5-V tolerant. A 100-µA (or 20-µA) pullup/pulldown is
used.
Table 2-2. Signal Descriptions(1)
PIN NO.
NAME
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
176-PIN
128-PIN
GHH/ZHH
PGF
PBK
XINTF SIGNALS (2812 ONLY)
XA[18]
D7
158
–
O/Z
–
XA[17]
B7
156
–
O/Z
–
XA[16]
A8
152
–
O/Z
–
XA[15]
B9
148
–
O/Z
–
XA[14]
A10
144
–
O/Z
–
XA[13]
E10
141
–
O/Z
–
XA[12]
C11
138
–
O/Z
–
XA[11]
A14
132
–
O/Z
–
XA[10]
C12
130
–
O/Z
–
XA[9]
D14
125
–
O/Z
–
19-bit XINTF Address Bus
XA[8]
E12
121
–
O/Z
–
XA[7]
F12
118
–
O/Z
–
XA[6]
G14
111
–
O/Z
–
XA[5]
H13
108
–
O/Z
–
XA[4]
J12
103
–
O/Z
–
XA[3]
M11
85
–
O/Z
–
XA[2]
N10
80
–
O/Z
–
XA[1]
M2
43
–
O/Z
–
XA[0]
G5
18
–
O/Z
–
XD[15]
A9
147
–
I/O/Z
PU
XD[14]
B11
139
–
I/O/Z
PU
XD[13]
J10
97
–
I/O/Z
PU
XD[12]
L14
96
–
I/O/Z
PU
XD[11]
N9
74
–
I/O/Z
PU
XD[10]
L9
73
–
I/O/Z
PU
XD[9]
M8
68
–
I/O/Z
PU
XD[8]
P7
65
–
I/O/Z
PU
16-bit XINTF Data Bus
XD[7]
L5
54
–
I/O/Z
PU
XD[6]
L3
39
–
I/O/Z
PU
XD[5]
J5
36
–
I/O/Z
PU
XD[4]
K3
33
–
I/O/Z
PU
XD[3]
J3
30
–
I/O/Z
PU
XD[2]
H5
27
–
I/O/Z
PU
XD[1]
H3
24
–
I/O/Z
PU
XD[0]
G3
21
–
I/O/Z
PU
(1)
Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are
8 mA.
(2)
I = Input, O = Output, Z = High impedance
(3)
PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3, Electrical Characteristics
Over Recommended Operating Conditions. The pullups/pulldowns are enabled in boundary scan mode.
18
Introduction
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com