Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 18Page - Texas Instruments TMS320F2811 Datasheet HTML 19Page - Texas Instruments TMS320F2811 Datasheet HTML 20Page - Texas Instruments TMS320F2811 Datasheet HTML 21Page - Texas Instruments TMS320F2811 Datasheet HTML 22Page - Texas Instruments TMS320F2811 Datasheet HTML 23Page - Texas Instruments TMS320F2811 Datasheet HTML 24Page - Texas Instruments TMS320F2811 Datasheet HTML 25Page - Texas Instruments TMS320F2811 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
Table 2-2. Signal Descriptions (continued)
PIN NO.
NAME
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
176-PIN
128-PIN
GHH/ZHH
PGF
PBK
Emulator pin 1. When TRST is driven high,
this pin is used as an interrupt to or from the
emulator system and is defined as input/output
through the JTAG scan. This pin is also used
to put the device into boundary-scan mode.
With the EMU0 pin at a logic-high state and
the EMU1 pin at a logic-low state, a rising
edge on the TRST pin would latch the device
into boundary-scan mode.
EMU1
C9
146
105
I/O/Z
PU
NOTE: An external pullup resistor is
recommended on this pin. The value of this
resistor should be based on the drive strength
of the debugger pods applicable to the design.
A 2.2-k
Ω to 4.7-kΩ resistor is generally
adequate. Since this is application-specific, it
is recommended that each target board be
validated for proper operation of the debugger
and the application.
ADC ANALOG INPUT SIGNALS
ADCINA7
B5
167
119
I
–
ADCINA6
D5
168
120
I
–
ADCINA5
E5
169
121
I
–
8-channel analog inputs for
ADCINA4
A4
170
122
I
–
Sample-and-Hold A. The ADC pins should not
be driven before the VDDA1, VDDA2, and VDDAIO
ADCINA3
B4
171
123
I
–
pins have been fully powered up.
ADCINA2
C4
172
124
I
–
ADCINA1
D4
173
125
I
–
ADCINA0
A3
174
126
I
–
ADCINB7
F5
9
9
I
–
ADCINB6
D1
8
8
I
–
ADCINB5
D2
7
7
I
–
8-channel analog inputs for
ADCINB4
D3
6
6
I
–
Sample-and-Hold B. The ADC pins should not
be driven before the VDDA1, VDDA2, and VDDAIO
ADCINB3
C1
5
5
I
–
pins have been fully powered up.
ADCINB2
B1
4
4
I
–
ADCINB1
C3
3
3
I
–
ADCINB0
C2
2
2
I
–
ADC Voltage Reference Output (2 V).
Requires a low ESR (under 1.5
Ω) ceramic
bypass capacitor of 10 µF to analog ground.
[Can accept external reference input (2 V) if
the software bit is enabled for this mode.
ADCREFP
E2
11
11
I/O
–
1–10 µF low ESR capacitor can be used in the
external reference mode.]
NOTE: Use the ADC Clock rate to derive the
ESR specification from the capacitor data
sheet that is used in the system.
ADC Voltage Reference Output (1 V).
Requires a low ESR (under 1.5
Ω) ceramic
bypass capacitor of 10 µF to analog ground.
[Can accept external reference input (1 V) if
the software bit is enabled for this mode.
ADCREFM
E4
10
10
I/O
–
1–10 µF low ESR capacitor can be used in the
external reference mode.]
NOTE: Use the ADC Clock rate to derive the
ESR specification from the capacitor data
sheet that is used in the system.
22
Introduction
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com