Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 94Page - Texas Instruments TMS320F2811 Datasheet HTML 95Page - Texas Instruments TMS320F2811 Datasheet HTML 96Page - Texas Instruments TMS320F2811 Datasheet HTML 97Page - Texas Instruments TMS320F2811 Datasheet HTML 98Page - Texas Instruments TMS320F2811 Datasheet HTML 99Page - Texas Instruments TMS320F2811 Datasheet HTML 100Page - Texas Instruments TMS320F2811 Datasheet HTML 101Page - Texas Instruments TMS320F2811 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 170 page
background image
V
DD_3.3V
(A)
2.5 V
(C)
3.3 V
V
DD_1.8V
(B)
XRS
1.8 V
(or 1.9 V)
1.8 V
(or 1.9 V)
XRS
1.5 V
3.3 V
<10 ms
>1 ms
(D)
Power-Up Sequence
Power-Down Sequence
(E)
>8 s
(F)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
A.
VDD_3.3V – VDDIO, VDD3VFL, VDDAIO, VDDA1, VDDA2, AVDDREFBG
B.
VDD_1.8V – VDD, VDD1
C.
1.8-V (or 1.9-V) supply should ramp after the 3.3-V supply reaches at least 2.5 V.
D.
Reset (XRS) should remain low until supplies and clocks are stable. See Figure 6-11, Power-on Reset in
Microcomputer Mode (XMP/MC = 0), for minimum requirements.
E.
Voltage supervisor or LDO reset control will trip reset (XRS) first when the 3.3-V supply is off regulation. Typically, this
occurs a few milliseconds before the 1.8-V (or 1.9-V) supply reaches 1.5 V.
F.
Keeping reset low (XRS) at least 8 µs prior to the 1.8-V (or 1.9-V) supply reaching 1.5 V will keep the flash module in
complete reset before the supplies ramp down.
G.
Since the state of GPIO pins is undefined until the 1.8-V (or 1.9-V) supply reaches at least 1 V, this supply should be
ramped as quickly as possible (after the 3.3-V supply reaches at least 2.5 V).
H.
Other than the power supply pins, no pin should be driven before the 3.3-V rail has been fully powered up.
Figure 6-6. F2812/F2811/F2810 Typical Power-Up and Power-Down Sequence – Option 2
98
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com