Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 23Page - Texas Instruments TMS320F2811 Datasheet HTML 24Page - Texas Instruments TMS320F2811 Datasheet HTML 25Page - Texas Instruments TMS320F2811 Datasheet HTML 26Page - Texas Instruments TMS320F2811 Datasheet HTML 27Page - Texas Instruments TMS320F2811 Datasheet HTML 28Page - Texas Instruments TMS320F2811 Datasheet HTML 29Page - Texas Instruments TMS320F2811 Datasheet HTML 30Page - Texas Instruments TMS320F2811 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 170 page
background image
INT[12:1]
CLKIN
Real-Time JTAG
Peripheral Bus
C28x CPU
INT14
NMI
INT13
Memory Bus
Flash
128K x 16 (F2812)
128K x 16 (F2811)
64K x 16 (F2810)
eCAN
SCIA/SCIB
12-Bit ADC
External Interrupt
Control
(XINT1/2/13, XNMI)
EVA/EVB
Memory Bus
OTP
1K x 16
(C)
McBSP
System Control
(Oscillator and PLL
+
Peripheral Clocking
+
Low-Power Modes
+
Watchdog)
FIFO
FIFO
PIE
(96 Interrupts)
(A)
RS
SPI
FIFO
TINT0
TINT1
TINT2
CPU-Timer 0
CPU-Timer 1
CPU-Timer 2
16 Channels
GPIO Pins
XRS
X1/XCLKIN
X2
XF_XPLLDIS
Protected by the code-security module.
XINT13
G
P
I
O
M
U
X
XNMI
ROM
128K x 16 (C2812)
128K x 16 (C2811)
64K x 16 (C2810)
Control
Address (19)
Data (16)
External
Interface
(XINTF)
(B)
L0 SARAM
4K x 16
L1 SARAM
4K x 16
M1 SARAM
1K x 16
M0 SARAM
1K x 16
H0 SARAM
8K x 16
Boot ROM
4K x 16
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
3
Functional Overview
A.
45 of the possible 96 interrupts are used on the devices.
B.
XINTF is available on the F2812 and C2812 devices only.
C.
On C281x devices, the OTP is replaced with a 1K x 16 block of ROM.
Figure 3-1. Functional Block Diagram
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
27
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com