Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320F2811 Datasheet HTML 1Page - Texas Instruments TMS320F2811 Datasheet HTML 2Page - Texas Instruments TMS320F2811 Datasheet HTML 3Page - Texas Instruments TMS320F2811 Datasheet HTML 4Page - Texas Instruments TMS320F2811 Datasheet HTML 5Page - Texas Instruments TMS320F2811 Datasheet HTML 6Page - Texas Instruments TMS320F2811 Datasheet HTML 7Page - Texas Instruments TMS320F2811 Datasheet HTML 8Page - Texas Instruments TMS320F2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.17
Event Manager Interface
................................................................................................ 111
6.17.1
PWM Timing
................................................................................................... 111
6.17.2
Interrupt Timing
................................................................................................ 113
6.18
General-Purpose Input/Output (GPIO) – Output Timing
............................................................ 114
6.19
General-Purpose Input/Output (GPIO) – Input Timing
.............................................................. 115
6.20
Serial Peripheral Interface (SPI) Master Mode Timing
.............................................................. 116
6.21
Serial Peripheral Interface (SPI) Slave Mode Timing
............................................................... 121
6.22
External Interface (XINTF) Timing
..................................................................................... 125
6.23
XINTF Signal Alignment to XCLKOUT
................................................................................ 129
6.24
External Interface Read Timing
........................................................................................ 130
6.25
External Interface Write Timing
........................................................................................ 132
6.26
External Interface Ready-on-Read Timing With One External Wait State
....................................... 133
6.27
External Interface Ready-on-Write Timing With One External Wait State
........................................ 136
6.28
XHOLD and XHOLDA
................................................................................................... 139
6.29
XHOLD/XHOLDA Timing
............................................................................................... 140
6.30
On-Chip Analog-to-Digital Converter
.................................................................................. 142
6.30.1
ADC Absolute Maximum Ratings
........................................................................... 142
6.30.2
ADC Electrical Characteristics Over Recommended Operating Conditions
........................... 143
6.30.3
Current Consumption for Different ADC Configurations
................................................. 144
6.30.4
ADC Power-Up Control Bit Timing
.......................................................................... 145
6.30.5
Detailed Description
.......................................................................................... 145
6.30.5.1
Reference Voltage
................................................................................ 145
6.30.5.2
Analog Inputs
..................................................................................... 145
6.30.5.3
Converter
.......................................................................................... 145
6.30.5.4
Conversion Modes
............................................................................... 145
6.30.6
Sequential Sampling Mode (Single-Channel) (SMODE = 0)
............................................ 146
6.30.7
Simultaneous Sampling Mode (Dual-Channel) (SMODE = 1)
.......................................... 147
6.30.8
Definitions of Specifications and Terminology
............................................................. 148
6.31
Multichannel Buffered Serial Port (McBSP) Timing
................................................................. 149
6.31.1
McBSP Transmit and Receive Timing
...................................................................... 149
6.31.2
McBSP as SPI Master or Slave Timing
.................................................................... 152
6.32
Flash Timing (F281x Only)
............................................................................................. 156
6.33
ROM Timing (C281x only)
.............................................................................................. 158
6.34
Migrating From F281x Devices to C281x Devices
.................................................................. 159
7
Revision History
.............................................................................................................. 160
8
Mechanical Data
.............................................................................................................. 161
4
Contents
Copyright © 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com