| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 170 page ![]() TMS320F2810, TMS320F2811, TMS320F2812 TMS320C2810, TMS320C2811, TMS320C2812 SPRS174S – APRIL 2001 – REVISED MARCH 2011 www.ti.com 6-13 IDLE Mode Switching Characteristics ....................................................................................... 107 6-14 STANDBY Mode Timing Requirements ..................................................................................... 108 6-15 STANDBY Mode Switching Characteristics ................................................................................ 108 6-16 HALT Mode Timing Requirements ........................................................................................... 110 6-17 HALT Mode Switching Characteristics ...................................................................................... 110 6-18 PWM Switching Characteristics .............................................................................................. 111 6-19 Timer and Capture Unit Timing Requirements ............................................................................. 111 6-20 External ADC Start-of-Conversion – EVA – Switching Characteristics ................................................. 112 6-21 External ADC Start-of-Conversion – EVB – Switching Characteristics ................................................. 112 6-22 Interrupt Switching Characteristics .......................................................................................... 113 6-23 Interrupt Timing Requirements ............................................................................................... 113 6-24 General-Purpose Output Switching Characteristics ....................................................................... 114 6-25 General-Purpose Input Timing Requirements .............................................................................. 116 6-26 SPI Master Mode External Timing (Clock Phase = 0) .................................................................... 117 6-27 SPI Master Mode External Timing (Clock Phase = 1) .................................................................... 119 6-28 SPI Slave Mode External Timing (Clock Phase = 0) ...................................................................... 121 6-29 SPI Slave Mode External Timing (Clock Phase = 1) ...................................................................... 123 6-30 Relationship Between Parameters Configured in XTIMING and Duration of Pulse ................................... 125 6-31 XINTF Clock Configurations ................................................................................................... 128 6-32 External Memory Interface Read Switching Characteristics ............................................................. 130 6-33 External Memory Interface Read Timing Requirements .................................................................. 130 6-34 External Memory Interface Write Switching Characteristics .............................................................. 132 6-35 External Memory Interface Read Switching Characteristics (Ready-on-Read, 1 Wait State) ....................... 133 6-36 External Memory Interface Read Timing Requirements (Ready-on-Read, 1 Wait State) ............................ 133 6-37 Synchronous XREADY Timing Requirements (Ready-on-Read, 1 Wait State) ....................................... 133 6-38 Asynchronous XREADY Timing Requirements (Ready-on-Read, 1 Wait State) ...................................... 133 6-39 External Memory Interface Write Switching Characteristics (Ready-on-Write, 1 Wait State) ........................ 136 6-40 Synchronous XREADY Timing Requirements (Ready-on-Write, 1 Wait State) ....................................... 136 6-41 Asynchronous XREADY Timing Requirements (Ready-on-Write, 1 Wait State) ...................................... 136 6-42 XHOLD/XHOLDA Timing Requirements (XCLKOUT = XTIMCLK) ...................................................... 140 6-43 XHOLD/XHOLDA Timing Requirements (XCLKOUT = 1/2 XTIMCLK) ................................................. 141 6-44 DC Specifications .............................................................................................................. 143 6-45 AC Specifications ............................................................................................................... 144 6-46 Current Consumption for Different ADC Configurations (at 25-MHz ADCCLK) ........................................ 144 6-47 ADC Power-Up Delays ......................................................................................................... 145 6-48 Sequential Sampling Mode Timing ........................................................................................... 146 6-49 Simultaneous Sampling Mode Timing ....................................................................................... 147 6-50 McBSP Timing Requirements ................................................................................................ 149 6-51 McBSP Switching Characteristics ........................................................................................... 150 6-52 McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 0) ............................... 152 6-53 McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 10b, CLKXP = 0) ........................... 152 6-54 McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 0) ............................... 153 6-55 McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 11b, CLKXP = 0) ........................... 153 6-56 McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 1) ............................... 154 6-57 McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 10b, CLKXP = 1) ........................... 154 6-58 McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 1) ............................... 155 6-59 McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 11b, CLKXP = 1) ........................... 155 6-60 Flash Endurance for A and S Temperature Material ....................................................................... 156 8 List of Tables Copyright © 2001–2011, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |